Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB600A60L Datasheet (PDF) - Alpha & Omega Semiconductors

AOB600A60L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB600A60L
Download  AOB600A60L Download
File Size   535.02 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V, aMOS5TM N-Channel Power Transistor

AOB600A60L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB600A60L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB600A60L
Download  AOB600A60L Click to download

File Size   535.02 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V, aMOS5TM N-Channel Power Transistor

AOB600A60L Datasheet (HTML) - Alpha & Omega Semiconductors


AOB600A60L Product details

General Description
• Proprietary aMOS5TM technology• Low RDS(ON)• Optimized switching parameters for better EMI performance• Enhanced body diode for robustness and fast reverse recovery

Applications
• SMPS with PFC, Flyback and LLC topologies• Silver ATX,adapter,TV,lighting,Server power




Similar Part No. - AOB600A60L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB600A70L AOSMD-AOB600A70L Datasheet
534Kb / 6P
700V, aMOS5TM N-Channel Power Transistor
Rev.1.1: December 2021
More results


Similar Description - AOB600A60L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB095A60L AOSMD-AOB095A60L Datasheet
463Kb / 6P
600V,aMOS5TM N-Channel Power Transistor
Rev.2.1: December 2020
AOB380A60CL AOSMD-AOB380A60CL Datasheet
503Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AOD280A60 AOSMD-AOD280A60 Datasheet
477Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.1:January 2022
AOD380A60C AOSMD-AOD380A60C Datasheet
369Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AONV110A60 AOSMD-AONV110A60 Datasheet
518Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.2.0: January 2022
AONV310A60 AOSMD-AONV310A60 Datasheet
507Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.1.0: December 2021
AOTF160A60L AOSMD-AOTF160A60L Datasheet
440Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.2.0: September 2020
AOTF280A60L AOSMD-AOTF280A60L Datasheet
438Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AOK065A60FD AOSMD-AOK065A60FD Datasheet
475Kb / 6P
600V,aMOS5TM N-Channel Power Transistor
Rev 1.0: November 2022
AOK040A60 AOSMD-AOK040A60 Datasheet
473Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.1.0: October 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com