Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOK065A60FD Datasheet (PDF) - Alpha & Omega Semiconductors

AOK065A60FD Datasheet PDF - Alpha & Omega Semiconductors
Part # AOK065A60FD
Download  AOK065A60FD Download
File Size   475.17 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V,aMOS5TM N-Channel Power Transistor

AOK065A60FD Datasheet (PDF)

Go To PDF Page Download Datasheet
AOK065A60FD Datasheet PDF - Alpha & Omega Semiconductors

Part # AOK065A60FD
Download  AOK065A60FD Click to download

File Size   475.17 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V,aMOS5TM N-Channel Power Transistor

AOK065A60FD Datasheet (HTML) - Alpha & Omega Semiconductors


AOK065A60FD Product details

General Description
• Proprietary aMOS5TM technology• Low RDS(ON)• Optimized switching parameters for better EMI performance• Enhanced body diode for robustness and fast reverse recovery

Applications
• PFC and PWM stages (LLC, FSFB,TTF) of Server, Telecom, Industrial, UPS, and Solar Inverters




Similar Part No. - AOK065A60FD

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK065V120X2 AOSMD-AOK065V120X2 Datasheet
874Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.3 March 2022
logo
Inchange Semiconductor ...
AOK065V120X2 ISC-AOK065V120X2 Datasheet
437Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOK065V65X2 AOSMD-AOK065V65X2 Datasheet
880Kb / 9P
650V αSiC Silicon Carbide Power MOSFET
Rev. 1.0 October 2020
More results


Similar Description - AOK065A60FD

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB095A60L AOSMD-AOB095A60L Datasheet
463Kb / 6P
600V,aMOS5TM N-Channel Power Transistor
Rev.2.1: December 2020
AOB380A60CL AOSMD-AOB380A60CL Datasheet
503Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AOB600A60L AOSMD-AOB600A60L Datasheet
535Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.1: December 2021
AOD280A60 AOSMD-AOD280A60 Datasheet
477Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.1:January 2022
AOD380A60C AOSMD-AOD380A60C Datasheet
369Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AONV110A60 AOSMD-AONV110A60 Datasheet
518Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.2.0: January 2022
AONV310A60 AOSMD-AONV310A60 Datasheet
507Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.1.0: December 2021
AOTF160A60L AOSMD-AOTF160A60L Datasheet
440Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.2.0: September 2020
AOTF280A60L AOSMD-AOTF280A60L Datasheet
438Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AOK040A60 AOSMD-AOK040A60 Datasheet
473Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.1.0: October 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com