Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD74115 Datasheet (PDF) - Analog Devices

AD74115 Datasheet PDF - Analog Devices
Part # AD74115
Download  AD74115 Download
File Size   3328.2 Kbytes
Page   103 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Channel, Software Configurable Input and Output

AD74115 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD74115 Datasheet PDF - Analog Devices

Part # AD74115
Download  AD74115 Click to download

File Size   3328.2 Kbytes
Page   103 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Channel, Software Configurable Input and Output

AD74115 Datasheet (HTML) - Analog Devices


AD74115 Product details

FEATURES
► Single-channel software configurable input and output
► Multiple configurable modes to a single pin
► Voltage input
► Current input
► Voltage output
► Current output
► Digital input
► Digital output
► 2-wire, 3-wire, or 4-wire RTD measurements
► Thermocouple measurement
► Overvoltage tolerant on screw terminal facing pins, powered or
unpowered
► Auxiliary high voltage sense pins
► 10 ppm/°C reference temperature coefficient
► 16-bit, Σ-Δ ADC with optional 50 Hz and 60 Hz rejection
► 14-bit monotonic DAC
► Unipolar and bipolar capability
► On-chip diagnostics including open-circuit and short-circuit detection
► Internal temperature sensor, ±5°C accuracy
► SPI-compatible
► Wide power supply range
► Programmable power control
► Temperature range: −40°C to +105°C
► 48-lead LFCSP

APPLICATIONS
► Isolated industrial control systems
► Process control
► Factory automation
► Building control systems




Similar Part No. - AD74115

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74115H AD-AD74115H Datasheet
3Mb / 113P
Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
AD74115HBCPZ AD-AD74115HBCPZ Datasheet
3Mb / 113P
Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
AD74115HBCPZ AD-AD74115HBCPZ Datasheet
2Mb / 24P
Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
AD74115HBCPZ-RL7 AD-AD74115HBCPZ-RL7 Datasheet
3Mb / 113P
Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results


Similar Description - AD74115

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD9 POWERINT-RD9 Datasheet
109Kb / 4P
User Configurable Input and Output Voltages Flyback Prototyping Board
logo
International Rectifier
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
28V Input, Single and Dual Output
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
Single-ended Input and Output
logo
M/A-COM Technology Solu...
28953-SWG-001-A MA-COM-28953-SWG-001-A Datasheet
1Mb / 183P
Application and Channel Unit Software
logo
Xilinx, Inc
DS483 XILINX-DS483 Datasheet
198Kb / 5P
Configurable size of the input and output bus
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
Analog Devices
AD74413R AD-AD74413R Datasheet
1Mb / 70P
Quad-Channel, Software Configurable Input and Output
Rev. 0
ADE1201 AD-ADE1201 Datasheet
1,017Kb / 40P
Single Channel, Configurable, Isolated Digital Input
Rev. 0
AD74115H AD-AD74115H Datasheet
3Mb / 113P
Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
UG-2048 AD-UG-2048 Datasheet
2Mb / 24P
Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com