Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD9 Datasheet (PDF) - Power Integrations, Inc.

RD9 Datasheet PDF - Power Integrations, Inc.
Part # RD9
Download  RD9 Download
File Size   109.02 Kbytes
Page   4 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description User Configurable Input and Output Voltages Flyback Prototyping Board

RD9 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD9 Datasheet PDF - Power Integrations, Inc.

Part # RD9
Download  RD9 Click to download

File Size   109.02 Kbytes
Page   4 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description User Configurable Input and Output Voltages Flyback Prototyping Board

RD9 Datasheet (HTML) - Power Integrations, Inc.


RD9 Product details

Description
The RD9 is a special printed circuit board (Figure 1) designed for rapid prototyping of TinySwitch-based flyback power supplies in the 1-3 W range. Component positions and an optimized layout are provided for a complete single output power supply as shown in Figure 2. Component size and placement are identical to evaluation board RD8. The board is designed to accommodate a transformer using an EE16 core with a 10 pin bobbin (Ying Chin YC-1607 or equivalent*). In addition to the power supply circuitry, the RD9 also provides a prototyping area on the secondary side of the board for circuitry such as additional outputs or voltage and current regulators. Some typical application circuits that can be constructed using the RD9 printed circuit board can be found in the TinySwitch and RD8 data sheets, and Design Ideas DI-4 through DI-8.

Product Highlights
Unpopulated Prototyping Board
• Complete layout for construction of TinySwitch flyback supply
• Convenient prototyping area on secondary side of board
• Single-sided construction
• RD9 boards can be combined for rapid prototyping with RD8 (available separately)




Similar Part No. - RD9

ManufacturerPart #DatasheetDescription
logo
NEC
RD9.1E NEC-RD9.1E Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD9.1E EIC-RD9.1E Datasheet
75Kb / 4P
SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD9.1E NJSEMI-RD9.1E Datasheet
346Kb / 5P
500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD9.1EAB NEC-RD9.1EAB Datasheet
81Kb / 8P
400 mW DHD ZENER DIODE DO-34
RD9.1EAB1 NEC-RD9.1EAB1 Datasheet
81Kb / 8P
400 mW DHD ZENER DIODE DO-34
More results


Similar Description - RD9

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-03 ICST-ICS525-03 Datasheet
146Kb / 7P
PECL Input OSCaR-TM USER Configurable Clock
Revision 010906
logo
Xilinx, Inc
DS483 XILINX-DS483 Datasheet
198Kb / 5P
Configurable size of the input and output bus
logo
Vicor Corporation
MEGAPAC VICOR-MEGAPAC Datasheet
533Kb / 10P
User- and Field-Configurable Power Supplies
logo
Eaton All Rights Reserv...
POE4W3X3.3-R EATON-POE4W3X3.3-R Datasheet
590Kb / 4P
Configurable flyback transformer
logo
Analog Devices
AD74413R AD-AD74413R Datasheet
1Mb / 70P
Quad-Channel, Software Configurable Input and Output
Rev. 0
AD74115 AD-AD74115 Datasheet
3Mb / 103P
Single-Channel, Software Configurable Input and Output
Rev. 0
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com