Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP5751 Datasheet (PDF) - Toshiba Semiconductor

TLP5751 Datasheet PDF - Toshiba Semiconductor
Part # TLP5751
Download  TLP5751 Download
File Size   1017.9 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP5751 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP5751 Datasheet PDF - Toshiba Semiconductor

Part # TLP5751
Download  TLP5751 Click to download

File Size   1017.9 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP5751 Datasheet (HTML) - Toshiba Semiconductor


TLP5751 Product details

Applications
• Induction Cooktop and Home Appliances
• Industrial Inverters
• Air Conditioner Inverters
• MOSFET Gate Drivers
• IGBT Gate Drivers

General
The TLP5751 consists of an infrared LED and integrated high-gain, high-speed photodetector and is house in
the 6-pin SO6L package.
The TLP5751 is 50 % smaller than the 8-pin DIP package and meets the reinforced insulation class requirements
of international safety standards.
Therefore the mounting area can be reduced in equipment requiring the safety standard certification.
The TLP5751 has an internal faraday shield that provides a guaranteed common-mode transient immunity of
±35 kV/μs.
In particular, the TLP5751 has rail to rail output, and this enables stable operation and better switching
performance in system.

Features
(1) Buffer logic type (totem pole output)
(2) Output peak current: ± 1.0 A (max)
(3) Operating temperature: -40 to 110 
(4) Supply current: 3.0 mA (max)
(5) Supply voltage: 15 to 30 V
(6) Threshold input current: 4 mA (max)
(7) Propagation delay time: 150 ns (max)
(8) Common-mode transient immunity: ±35 kV/μs (min)
(9) Isolation voltage: 5000 Vrms (min)
(10) Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
CQC-approved: GB4943.1, GB8898 Japan and Thailand Factory




Similar Part No. - TLP5751

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP5751H TOSHIBA-TLP5751H Datasheet
1Mb / 19P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
More results


Similar Description - TLP5751

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5702H TOSHIBA-TLP5702H Datasheet
978Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-09-10 Rev.3.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5754 TOSHIBA-TLP5754 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-22 Rev.9.0
TLP5754H TOSHIBA-TLP5754H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com