Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP15 Datasheet (PDF) - Analog Devices

OP15 Datasheet PDF - Analog Devices
Part # OP15
Download  OP15 Download
File Size   429.32 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision JFET-Input Operational Amplifiers

OP15 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP15 Datasheet PDF - Analog Devices

Part # OP15
Download  OP15 Click to download

File Size   429.32 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision JFET-Input Operational Amplifiers

OP15 Datasheet (HTML) - Analog Devices


OP15 Product details

GENERAL DESCRIPTION
The ADI-JFET input series of devices offer clear advantages over industry-generic devices and are superior in both cost and performance to many dielectrically-isolated and hybrid op amps. All devices offer offset voltages as low as 0.5 mV with TCVOS guaranteed to 5 μV°C. A unique input bias cancellation circuit reduces the IB by a factor 10 over conventional designs. In addition ADI specifies IB and IOS with the devices warmed up and operating at 25°C ambient.

FEATURES
   Significant Performance Advantages over LF155 and
      LF157 Devices
   Low Input Offset Voltages: 500 V Max
   Low Input Offset Voltage Drift: 2.0 V/°C
   Minimum Slew Rate Guaranteed on All Models
   Temperature-Compensated Input Bias Currents
   Bias Current Specified Warmed-Up Over Temperature
   Internal Compensation
   Low Input Noise Current: 0.01 pA/√Hz
   High Common-Mode Rejection Ratio: 100 dB
   Models with MIL-STD 883 Processing Available

OP15
   156 Speed with 155 Dissipation: 80 mW Typ
   Wide Bandwidth: 6 MHz
   High Slew Rate: 13 V/μs
   Fast Settling to ±0.1%: 1,200 ns

OP17
   Highest Slew Rate: 60 V/μs
   Fastest Settling to ±0.1%: 600 ns
   Highest Gain Bandwidth Product (AVCL = 5 Min): 30 MHz
   Guaranteed Input Bias Current @ 125°C




Similar Part No. - OP15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP150 AD-OP150 Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GBC AD-OP150GBC Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GRT AD-OP150GRT Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GS AD-OP150GS Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results


Similar Description - OP15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-15 AD-OP-15 Datasheet
776Kb / 14P
PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1055 LINER-LT1055 Datasheet
301Kb / 12P
Precision, High Speed, JFET Input Operational Amplifiers
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
REV. A
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
Dual Precision JFET Input Operational Amplifiers
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com