Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP15 Datasheet(PDF) 1 Page - Analog Devices

Part # OP15
Description  Precision JFET-Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP15 Datasheet(HTML) 1 Page - Analog Devices

  OP15 Datasheet HTML 1Page - Analog Devices OP15 Datasheet HTML 2Page - Analog Devices OP15 Datasheet HTML 3Page - Analog Devices OP15 Datasheet HTML 4Page - Analog Devices OP15 Datasheet HTML 5Page - Analog Devices OP15 Datasheet HTML 6Page - Analog Devices OP15 Datasheet HTML 7Page - Analog Devices OP15 Datasheet HTML 8Page - Analog Devices OP15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP15/OP17
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Precision JFET-Input
Operational Amplifiers
OUTPUT
*R7, R8 ARE ELECTRONICALLY
ADJUSTED ON CHIP FOR
MINIMUM OFFSET VOLTAGE.
J3
C1
7.4pF
J4
J1
J2
Q5
J5
Q6
Q7
R3
Q8
NONINVERTING
INPUT
R1
–INV
INPUT
V+
V–
R8*
J8
R7*
NULL
NULL
J11
Q12
Q11
R4
Q1
Q2
R3
Q3
Q4
R5
3.6k
Q16
Q13
Q16
J6
Q9
R2
C2
R6
3.6k
Q15
Q14
Q19
Q17
Q10
J9
Q21
Q20
R13
Q24
Q22
J10
Q23
Q25
R11
Figure 1. Simplified Schematic
FEATURES
Significant Performance Advantages over LF155 and
LF157 Devices
Low Input Offset Voltages: 500
V Max
Low Input Offset Voltage Drift: 2.0
V/ C
Minimum Slew Rate Guaranteed on All Models
Temperature-Compensated Input Bias Currents
Bias Current Specified Warmed-Up Over Temperature
Internal Compensation
Low Input Noise Current: 0.01 pA/
÷÷÷÷÷Hz
High Common-Mode Rejection Ratio: 100 dB
Models with MIL-STD 883 Processing Available
OP15
156 Speed with 155 Dissipation: 80 mW Typ
Wide Bandwidth: 6 MHz
High Slew Rate: 13 V/ s
Fast Settling to
±0.1%: 1,200 ns
OP17
Highest Slew Rate: 60 V/ s
Fastest Settling to
±0.1%: 600 ns
Highest Gain Bandwidth Product (AVCL = 5 Min): 30 MHz
Guaranteed Input Bias Current @ 125 C
GENERAL DESCRIPTION
The ADI-JFET input series of devices offer clear advantages over
industry-generic devices and are superior in both cost and perfor-
mance to many dielectrically-isolated and hybrid op amps. All devices
offer offset voltages as low as 0.5 mV with TCVOS guaranteed to
5
mV/∞C. A unique input bias cancellation circuit reduces the IB
by a factor 10 over conventional designs. In addition ADI specifies
IB and IOS with the devices warmed up and operating at 25
∞C ambient.
These devices were designed to provide real precision performance
along with high speed. Although they can be nulled, the design
objective was to provide low offset-voltage without nulling. Systems
generally become more cost effective as the number of trim circuits
is decreased. ADI achieves this performance by use of an improved
bipolar compatible JFET process coupled with on chip, zener-zap
offset trimming.
The OP15 provides an excellent combinations of high speed and
low input offset voltage. In addition, the OP15 offers the speed
of the 156A op amp with the power dissipation of a 155A. The
combination of a low input offset voltage of 500
mV, slew rate of
13 V/
ms, and settling time of 1,200 ns to 0.1% makes the OP15
an op amp of both precision and speed. The additional features
of low supply current coupled with an input bias current makes
the OP15 ideal for a wide range of applications.
The OP17 has a slew rate of 60 V/
ms and is the best choice for
applications requiring high closed-loop gain with high speed. See
OP42 datasheet for unity gain applications and the OP215 datasheet
for a dual configuration of the OP15.


Similar Part No. - OP15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP150 AD-OP150 Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GBC AD-OP150GBC Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GRT AD-OP150GRT Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GS AD-OP150GS Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results

Similar Description - OP15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-15 AD-OP-15 Datasheet
776Kb / 14P
PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1055 LINER-LT1055 Datasheet
301Kb / 12P
Precision, High Speed, JFET Input Operational Amplifiers
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
REV. A
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
Dual Precision JFET Input Operational Amplifiers
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com