Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4426 Datasheet (PDF) - Microchip Technology

TC4426 Datasheet PDF - Microchip Technology
Part # TC4426
Download  TC4426 Download
File Size   976.1 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A Dual High-Speed Power MOSFET Drivers

TC4426 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4426 Datasheet PDF - Microchip Technology

Part # TC4426
Download  TC4426 Click to download

File Size   976.1 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A Dual High-Speed Power MOSFET Drivers

TC4426 Datasheet (HTML) - Microchip Technology


TC4426 Product details

Features:
• High Peak Output Current: 1.5A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability: 1000 pF in
25 ns (typical)
• Short Delay Times: 40 ns (typical)
• Matched Rise and Fall Times
• Low Supply Current:
- With Logic ‘1’ Input – 4 mA
- With Logic ‘0’ Input – 400 μA
• Low Output Impedance: 7
• Latch-Up Protected: Withstands 0.5A Reverse
Current
• Input Withstands Negative Inputs Up to 5V
• Electrostatic Discharge (ESD) Protected: 2.0 kV
• Space-saving 8-Pin MSOP and 8-Pin 6x5 DFN-S
Packages
Applications:
• Switch Mode Power Supplies
• Line Drivers
• Pulse Transformer Drive




Similar Part No. - TC4426

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4426 TELCOM-TC4426 Datasheet
75Kb / 6P
1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
logo
TelCom Semiconductor, I...
TC4426A TELCOM-TC4426A Datasheet
64Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2002
TC4426A MICROCHIP-TC4426A Datasheet
347Kb / 20P
1.5A Dual High-Speed Power MOSFET Drivers
11/27/12
More results


Similar Description - TC4426

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4426A TELCOM-TC4426A Datasheet
64Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426AM MICROCHIP-TC4426AM_05 Datasheet
190Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com