Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1345BL Datasheet (PDF) - Dallas Semiconductor

DS1345BL Datasheet PDF - Dallas Semiconductor
Part # DS1345BL
Download  DS1345BL Download
File Size   219.44 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1024K Nonvolatile SRAM with Battery Monitor

DS1345BL Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1345BL Datasheet PDF - Dallas Semiconductor

Part # DS1345BL
Download  DS1345BL Click to download

File Size   219.44 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1024K Nonvolatile SRAM with Battery Monitor

DS1345BL Datasheet (HTML) - Dallas Semiconductor


DS1345BL Product details

DESCRIPTION
The DS1345 1024K Nonvolatile SRAMs are 1,048,576–bit, fully static, nonvolatile SRAMs organized as 131,072 words by eight bits. Each NV SRAM has a self–contained lithium energy source and control circuitry which constantly monitors VCC for an out–of– tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. Additionally, the DS1345 devices have dedicated circuitry for monitoring the status of VCC and the status of the internal lithium battery.

FEATURES
• Built–in lithium battery provides more than 10 years of data retention
• Data is automatically protected during VCC power loss
• Power supply monitor resets processor when VCC power loss occurs and holds processor in reset during VCC ramp–up
• Battery monitor checks remaining capacity daily
• Read and write access times as fast as 70 ns
• Unlimited write cycle endurance
• Typical standby current 50 µA
• Upgrade for 128K x 8 SRAM, EEPROM or Flash devices
• Lithium battery is electrically disconnected to retain freshness until power is applied for the first time
• Full ±10% VCC operating range (DS1345YL) or optional ±5% VCC operating range (DS1345BL)
• Low Profile Module package fits into standard 68–pin surface mountable PLCC sockets
• Optional industrial temperature range of –40°C to +85°C, designated IND




Similar Part No. - DS1345BL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1345BL MAXIM-DS1345BL Datasheet
387Kb / 9P
1024K Nonvolatile SRAM with Battery Monitor
022598
More results


Similar Description - DS1345BL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1345Y DALLAS-DS1345Y Datasheet
211Kb / 12P
1024k Nonvolatile SRAM with Battery Monitor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
4096k Nonvolatile SRAM with Battery Monitor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
256k Nonvolatile SRAM with Battery Monitor
DS1345W DALLAS-DS1345W Datasheet
249Kb / 12P
3.3V 1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345Y MAXIM-DS1345Y Datasheet
220Kb / 12P
1024k Nonvolatile SRAM with Battery Monitor
032904
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
4096K Nonvolatile SRAM with Battery Monitor
022598
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
1024K Nonvolatile SRAM with Battery Monitor
022598
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
DS1345Y MAXIM-DS1345Y_V01 Datasheet
193Kb / 10P
1024k Nonvolatile SRAM with Battery Monitor
2010
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com