Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1350Y Datasheet (PDF) - Dallas Semiconductor

DS1350Y Datasheet PDF - Dallas Semiconductor
Part # DS1350Y
Download  DS1350Y Download
File Size   228.66 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4096k Nonvolatile SRAM with Battery Monitor

DS1350Y Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1350Y Datasheet PDF - Dallas Semiconductor

Part # DS1350Y
Download  DS1350Y Click to download

File Size   228.66 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4096k Nonvolatile SRAM with Battery Monitor

DS1350Y Datasheet (HTML) - Dallas Semiconductor


DS1350Y Product details

DESCRIPTION
The DS1350 4096k Nonvolatile SRAMs are 4,194,304-bit, fully static, nonvolatile SRAMs organized as 524,288 words by 8 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry which constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. Additionally, the DS1350 devices have dedicated circuitry for monitoring the status of VCC and the status of the internal lithium battery. DS1350 devices in the PowerCap Module package are directly surface mountable and are normally paired with a DS9034PC PowerCap to form a complete Nonvolatile SRAM module. The devices can be used in place of 512k x 8 SRAM, EEPROM or Flash components.

FEATURES
■ 10 years minimum data retention in the
   absence of external power
■ Data is automatically protected during power loss
■ Power supply monitor resets processor when
   VCC power loss occurs and holds processor in
   reset during VCC ramp-up
■ Battery monitor checks remaining capacity
   daily
■ Read and write access times as fast as 70 ns
■ Unlimited write cycle endurance
■ Typical standby current 50 µA
■ Upgrade for 512k x 8 SRAM, EEPROM or
   Flash
■ Lithium battery is electrically disconnected to
   retain freshness until power is applied for the
   first time
■ Full ±10% VCC operating range (DS1350Y)
   or optional ±5% VCC operating range
   (DS1350AB)
■ Optional industrial temperature range of
   -40°C to +85°C, designated IND
■ New PowerCap Module (PCM) package
   - Directly surface-mountable module
   - Replaceable snap-on PowerCap provides
      lithium backup battery
   - Standardized pinout for all nonvolatile
      SRAM products
   - Detachment feature on PowerCap allows
      easy removal using a regular screwdriver




Similar Part No. - DS1350Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1350Y MAXIM-DS1350Y Datasheet
225Kb / 10P
4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
4096K Nonvolatile SRAM with Battery Monitor
022598
DS1350YP-70+ MAXIM-DS1350YP-70+ Datasheet
225Kb / 10P
4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
DS1350YP-70IND+ MAXIM-DS1350YP-70IND+ Datasheet
225Kb / 10P
4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
More results


Similar Description - DS1350Y

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1250Y DALLAS-DS1250Y Datasheet
217Kb / 11P
4096k Nonvolatile SRAM
DS1350W DALLAS-DS1350W Datasheet
107Kb / 11P
3.3V 4096K Nonvolatile SRAM with Battery Monitor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
4096K Nonvolatile SRAM
DS1345BL DALLAS-DS1345BL Datasheet
219Kb / 9P
1024K Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1250Y-70IND MAXIM-DS1250Y-70IND Datasheet
242Kb / 10P
4096k Nonvolatile SRAM
Rev 12/10
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
4096K Nonvolatile SRAM with Battery Monitor
022598
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
DS1250YL MAXIM-DS1250YL Datasheet
323Kb / 9P
4096K Nonvolatile SRAM
022598
DS1250AB MAXIM-DS1250AB Datasheet
242Kb / 10P
4096k Nonvolatile SRAM
19-5647; Rev 12/10
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com