Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1350W Datasheet (PDF) - Dallas Semiconductor

DS1350W Datasheet PDF - Dallas Semiconductor
Part # DS1350W
Download  DS1350W Download
File Size   107.99 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V 4096K Nonvolatile SRAM with Battery Monitor

DS1350W Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1350W Datasheet PDF - Dallas Semiconductor

Part # DS1350W
Download  DS1350W Click to download

File Size   107.99 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V 4096K Nonvolatile SRAM with Battery Monitor

DS1350W Datasheet (HTML) - Dallas Semiconductor


DS1350W Product details

DESCRIPTION
The DS1350W 3.3V 4096K Nonvolatile SRAM is a 4,194,304–bit, fully static, nonvolatile SRAM organized as 524,288 words by eight bits. Each NV SRAM has a self–contained lithium energy source and control circuitry which constantly monitors VCC for an out–of–tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. Additionally, the DS1350W has dedicated circuitry for monitoring the status of VCC and the status of the internal lithium battery.

FEATURES
• 10 years minimum data retention in the absence of external power
• Data is automatically protected during power loss
• Power supply monitor resets processor when VCC power loss occurs and holds processor in reset during VCC ramp–up
• Battery monitor checks remaining capacity daily
• Read and write access times as fast as 150 ns
• Unlimited write cycle endurance
• Typical standby current 50 µA
• Upgrade for 512K x 8 SRAM, EEPROM or Flash
• Lithium battery is electrically disconnected to retain freshness until power is applied for the first time
• Optional industrial temperature range of –40°C to +85°C, designated IND
• New PowerCap Module (PCM) package
    – Directly surface–mountable module
    – Replaceable snap–on PowerCap provides lithium backup battery
    – Standardized pinout for all nonvolatile SRAM products
    – Detachment feature on PowerCap allows easy removal using a regular screwdriver




Similar Part No. - DS1350W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
More results


Similar Description - DS1350W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1250W DALLAS-DS1250W Datasheet
217Kb / 11P
3.3V 4096k Nonvolatile SRAM
DS1330W DALLAS-DS1330W Datasheet
107Kb / 11P
3.3V 256K Nonvolatile SRAM with Battery Monitor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
4096k Nonvolatile SRAM with Battery Monitor
DS1345W DALLAS-DS1345W Datasheet
249Kb / 12P
3.3V 1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
4096K Nonvolatile SRAM with Battery Monitor
022598
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
DS1330W MAXIM-DS1330W Datasheet
224Kb / 10P
3.3V 256k Nonvolatile SRAM with Battery Monitor
19-5590; Rev 10/10
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com