Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1330W Datasheet (PDF) - Dallas Semiconductor

DS1330W Datasheet PDF - Dallas Semiconductor
Part # DS1330W
Download  DS1330W Download
File Size   107.99 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V 256K Nonvolatile SRAM with Battery Monitor

DS1330W Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1330W Datasheet PDF - Dallas Semiconductor

Part # DS1330W
Download  DS1330W Click to download

File Size   107.99 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V 256K Nonvolatile SRAM with Battery Monitor

DS1330W Datasheet (HTML) - Dallas Semiconductor


DS1330W Product details

DESCRIPTION
The DS1330W 3.3V 256k Nonvolatile SRAM is a 262,144-bit, fully static, nonvolatile SRAM organized as 32,768 words by 8 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry which constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. Additionally, the DS1330W has dedicated circuitry for monitoring the status of VCC and the status of the internal lithium battery. DS1330W devices in the PowerCap Module package are directly surface mountable and are normally paired with a DS9034PC PowerCap to form a complete Nonvolatile SRAM module. The devices can be used in place of 32k x 8 SRAM, EEPROM or Flash components.

FEATURES
■ 10 years minimum data retention in the absence of external power
■ Data is automatically protected during power loss
■ Power supply monitor resets processor when VCC power loss occurs and holds processor in reset during VCC ramp-up
■ Battery monitor checks remaining capacity daily
■ Read and write access times as fast as 100 ns
■ Unlimited write cycle endurance
■ Typical standby current 50 µA
■ Upgrade for 32k x 8 SRAM, EEPROM or Flash
■ Lithium battery is electrically disconnected to retain freshness until power is applied for the first time
■ Optional industrial temperature range of -40°C to +85°C, designated IND
■ PowerCap Module (PCM) package
   - Directly surface-mountable module
   - Replaceable snap-on PowerCap provides lithium backup battery
   - Standardized pinout for all nonvolatile SRAM products
   - Detachment feature on PowerCap allows easy removal using a regular screwdriver




Similar Part No. - DS1330W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1330W MAXIM-DS1330W Datasheet
224Kb / 10P
3.3V 256k Nonvolatile SRAM with Battery Monitor
19-5590; Rev 10/10
More results


Similar Description - DS1330W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1350W DALLAS-DS1350W Datasheet
107Kb / 11P
3.3V 4096K Nonvolatile SRAM with Battery Monitor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
256k Nonvolatile SRAM with Battery Monitor
DS1345W DALLAS-DS1345W Datasheet
249Kb / 12P
3.3V 1024k Nonvolatile SRAM with Battery Monitor
DS1330YL DALLAS-DS1330YL Datasheet
219Kb / 9P
256K Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
DS1330YL MAXIM-DS1330YL Datasheet
386Kb / 9P
256K Nonvolatile SRAM with Battery Monitor
022598
DS1330W MAXIM-DS1330W Datasheet
224Kb / 10P
3.3V 256k Nonvolatile SRAM with Battery Monitor
19-5590; Rev 10/10
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com