Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1836A Datasheet (PDF) - Dallas Semiconductor

DS1836A Datasheet PDF - Dallas Semiconductor
Part # DS1836A
Download  DS1836A Download
File Size   169.06 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V/5V MicroManager

DS1836A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1836A Datasheet PDF - Dallas Semiconductor

Part # DS1836A
Download  DS1836A Click to download

File Size   169.06 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V/5V MicroManager

DS1836A Datasheet (HTML) - Dallas Semiconductor


DS1836A Product details

DESCRIPTION

The DS1836 MicroManager performs three vital system functions. First, a precision temperature compensated reference and comparator circuit monitor the status of the voltage on VCC and when an out of-tolerance condition is detected, an internal power-fail signal is generated that forces the reset active. If VCC continues to degrade, it switches to the battery supply when VCC drops below 3.8V (2.6V for 3.3V versions). When VCC exceeds 3.9V (2.8V for 3.3V versions); VOUT will again be supplied from VCC. Reset will remain active for 350 ms after VCC returns to an in-tolerance condition.



FEATURES

ƒ 5V or 3.3V power-on reset

ƒ True 3V operation power switch

ƒ Switches to battery at 3.8V (2.6V for 3.3V versions)

ƒ Excellent for systems designed to operate with dual power supplies

ƒ Asserts resets during power transients

ƒ Maintains reset for 350ms after VCC returns to an in-tolerance condition

ƒ Reduces need for discrete components

ƒ Precision temperature-compensated voltage reference and voltage sensor

ƒ 8-pin DIP or space saving 8-pin SO surface mount available

ƒ CMOS reset output for low current operation

ƒ Operating temperature of -40°C to +85°C

ƒ Perfect for PIC microprocessor applications




Similar Part No. - DS1836A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1836 MAXIM-DS1836 Datasheet
173Kb / 9P
3.3V/5V MicroManager
121906
More results


Similar Description - DS1836A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1236 DALLAS-DS1236 Datasheet
323Kb / 19P
MicroManager Chip
DS1236A DALLAS-DS1236A Datasheet
320Kb / 20P
MicroManager Chip
DS1238 DALLAS-DS1238 Datasheet
216Kb / 14P
MicroManager
DS1238A DALLAS-DS1238A Datasheet
211Kb / 13P
MicroManager
DS1239 DALLAS-DS1239 Datasheet
56Kb / 4P
MicroManager Chip
DS1238S DALLAS-DS1238S Datasheet
694Kb / 13P
MicroManager
logo
Maxim Integrated Produc...
DS1836 MAXIM-DS1836 Datasheet
173Kb / 9P
3.3V/5V MicroManager
121906
DS1239 MAXIM-DS1239 Datasheet
61Kb / 4P
MicroManager Chip
111899
DS1238A MAXIM-DS1238A Datasheet
216Kb / 13P
MicroManager
DS1238 MAXIM-DS1238 Datasheet
222Kb / 14P
MicroManager
111899
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com