Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP7820 Datasheet (PDF) - Toshiba Semiconductor

TLP7820 Datasheet PDF - Toshiba Semiconductor
Part # TLP7820
Download  TLP7820 Download
File Size   586.38 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Optically Isolation Amplifiers

TLP7820 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP7820 Datasheet PDF - Toshiba Semiconductor

Part # TLP7820
Download  TLP7820 Click to download

File Size   586.38 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Optically Isolation Amplifiers

TLP7820 Datasheet (HTML) - Toshiba Semiconductor


TLP7820 Product details

Applications
• Motor phase and rail current sensing
• Power inverter current and voltage sensing

General
The TLP7820 of isolation amplifiers is designed for current sensing in electronic motor drives. In a typical
implementation, motor currents flow through an external resistor and the resulting analog voltage drop is sensed
by the TLP7820.

Features
(1) Gain accuracy: ±0.5 % (Gain rank B)
(2) Gain drift: 0.00012 V/V/ (typ.)
(3) Nonlinearity (VIN = ±200 mV): 0.02 % (typ.)
(4) Input offset voltage: 0.9 mV (typ.)
(5) VOUT bandwidth (-3 dB): 230 kHz (typ.)
(6) Operating temperature range: -40 to 105 
(7) Common-mode transient immunity: 15 kV/μs (min)
(8) Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
CQC-approved: GB4943.1, GB8898 Japan Factory




Similar Part No. - TLP7820

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP781 TOSHIBA-TLP781 Datasheet
340Kb / 15P
Signal Transmission Between Different Voltage Circuits
TLP781F TOSHIBA-TLP781F Datasheet
340Kb / 15P
Signal Transmission Between Different Voltage Circuits
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
Photocouplers Optically Isolated Delta-Sigma Modulator
TLP785 TOSHIBA-TLP785 Datasheet
374Kb / 16P
Office Equipment Household Appliances
logo
Guangdong Youtai Semico...
TLP785 UMW-TLP785 Datasheet
985Kb / 8P
Photocoupler GaAs IRED & Photo
More results


Similar Description - TLP7820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
Optically-Coupled Linear ISOLATION AMPLIFIER
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Bedford Opto Technology...
OPI3000MC BOT-OPI3000MC Datasheet
132Kb / 2P
Optically Coupled Isolator 30kV Isolation
OPI3000P BOT-OPI3000P Datasheet
35Kb / 2P
Optically Coupled Isolator 30kV Isolation
logo
Texas Instruments
3650HG TI-3650HG Datasheet
149Kb / 14P
Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
Precision Isolation Amplifiers
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
Photocouplers Optically Isolation Amplifiers
TLP7930 TOSHIBA-TLP7930 Datasheet
537Kb / 18P
Photocouplers Optically Isolated Delta-Sigma Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
Precision Isolation Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com