Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP781F Datasheet (PDF) - Toshiba Semiconductor

TLP781F Datasheet PDF - Toshiba Semiconductor
Part # TLP781F
Download  TLP781F Download
File Size   340.17 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Signal Transmission Between Different Voltage Circuits

TLP781F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP781F Datasheet PDF - Toshiba Semiconductor

Part # TLP781F
Download  TLP781F Click to download

File Size   340.17 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Signal Transmission Between Different Voltage Circuits

TLP781F Datasheet (HTML) - Toshiba Semiconductor


TLP781F Product details

Office Equipment

Household Appliances

Solid State Relays

Switching Power Supplies

Various Controllers

Signal Transmission Between Different Voltage Circuits



The TOSHIBA TLP781 consists of a silicone photo−transistor optically coupled to a gallium arsenide infrared emitting diode in a four lead plastic DIP (DIP4) withhaving high isolation voltage 

(AC: 5kVRMS (min)).



•  TLP781   : 7.62mm pitch type DIP4

•  TLP781F : 10.16mm pitch type DIP4

•  Collector-emitter voltage: 80V (min.)

•  Current transfer ratio: 50% (min.)

Rank GB: 100% (min.)

•  Isolation voltage: 5000Vrms (min.)

 




Similar Part No. - TLP781F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
Photocouplers Optically Isolated Delta-Sigma Modulator
TLP785 TOSHIBA-TLP785 Datasheet
374Kb / 16P
Office Equipment Household Appliances
logo
Guangdong Youtai Semico...
TLP785 UMW-TLP785 Datasheet
985Kb / 8P
Photocoupler GaAs IRED & Photo
TLP785 UMW-TLP785 Datasheet
985Kb / 8P
Photocoupler GaAs IRED & Photo
More results


Similar Description - TLP781F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC1S171 PANASONIC-CNC1S171 Datasheet
53Kb / 3P
Optoisolator(For isolated signal transmission)
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Mitel Networks Corporat...
1A192 MITEL-1A192 Datasheet
196Kb / 10P
High-Performance LED(Sensors, Signal Transmission)
1A436 MITEL-1A436 Datasheet
182Kb / 9P
High-Performance LED(Sensors, Signal Transmission)
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
SHANGHAI BELLING CO., L...
BL1062A1 BELLING-BL1062A1 Datasheet
253Kb / 7P
Low voltage transmission circuits with dialer interface
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
Infrared Remote-Control Signal Transmission LSI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com