Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5892 Datasheet (PDF) - Diodes Incorporated

AL5892 Datasheet PDF - Diodes Incorporated
Part # AL5892
Download  AL5892 Download
File Size   657.7 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description OFFLINE DIMMABLE LINEAR LED DRIVER

AL5892 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL5892 Datasheet PDF - Diodes Incorporated

Part # AL5892
Download  AL5892 Click to download

File Size   657.7 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description OFFLINE DIMMABLE LINEAR LED DRIVER

AL5892 Datasheet (HTML) - Diodes Incorporated


AL5892 Product details

Features
- Integrated 350V Main MOSFET and 500V Bleeder MOSFET
- Low Operation Current: 300μA
- Tight Current Sense Tolerance: 3%
- Output Current Programmable up to 75mA
- Wide Range of Dimmer Compatibility
- Dimming Curve Compliant to NEMA SSL7
- Internal Protections
- LED Open/Short Protection (OSP)
- Thermal Foldback Protection (TFP)
- Over Temperature Shutdown Protection (OTP)
- Power Factor >0.7
- Efficiency up to 85%
- SO-8EP (Type TH) Package
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- LED Lamps
- Retro Fit TRIAC Dimming
- LED Power Modules




Similar Part No. - AL5892

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
AL5890-10D-13 DIODES-AL5890-10D-13 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
AL5890-10P1-13 DIODES-AL5890-10P1-13 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
AL5890-10Y-13 DIODES-AL5890-10Y-13 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
AL5890-15D-13 DIODES-AL5890-15D-13 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
More results


Similar Description - AL5892

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3448 TI1-LM3448 Datasheet
1Mb / 43P
Phase Dimmable Offline LED Driver with Integrated FET
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
Rev 1
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1781 DIODES-AL1781 Datasheet
530Kb / 18P
Single/Dual Dimmable Linear LED Driver
Rev 1
logo
Maxic Technology Corpor...
MT7652L MAXIC-MT7652L Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com