Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5892 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5892
Description  OFFLINE DIMMABLE LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5892 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5892 Datasheet HTML 1Page - Diodes Incorporated AL5892 Datasheet HTML 2Page - Diodes Incorporated AL5892 Datasheet HTML 3Page - Diodes Incorporated AL5892 Datasheet HTML 4Page - Diodes Incorporated AL5892 Datasheet HTML 5Page - Diodes Incorporated AL5892 Datasheet HTML 6Page - Diodes Incorporated AL5892 Datasheet HTML 7Page - Diodes Incorporated AL5892 Datasheet HTML 8Page - Diodes Incorporated AL5892 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AL5892
Document number: DS42212 Rev. 1 - 2
4 of 11
www.diodes.com
October 2019
© Diodes Incorporated
AL5892
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VPLED
Voltage at PLED
350
V
VBLD
Voltage at BLD
500
V
IPLED
Current through PLED
400
mA
IBLD
Current through BLD
72
mA
VCS, VCOMP, VDIMD, VBUS
Voltages at CS, COMP, DIMD, VBUS
-0.3 to +6
V
VCC
Input Supply Voltage
-0.3 to +24
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-55 to +150
°C
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charge Device Model ESD Protection
1
kV
Thermal Information
Package
Thermal Resistance Junction-to-Case
θJC (Note 4)
Thermal Resistance Junction-to-Ambient
θJA (Note 4)
SO-8EP (Type TH)
35.2°C/W (Note 6)
41.03°C/W (Note 5)
63.78°C/W (Note 6)
Notes:
4. The test environment in
θ
JC and θJA measurement following JEDEC standard.
5. Tested when device mounted on a 2S2P PCB.
6. Tested when device mounted on a 1S0P PCB.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VAC
System AC Line RMS Input Voltage
108
132
VAC
VCC
VCC Operating Voltage
7.5
11
V
IPLED
LED RMS Current
—
75
mA
TA
Operating Ambient Temperature (Note 7)
-40
+105
°C
Note:
7. The device may operate normally at +125°C ambient temperature under the condition not trigger temperature protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com