Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMO21.. Datasheet (PDF) - Vishay Siliconix

VLMO21.. Datasheet PDF - Vishay Siliconix
Part # VLMO21..
Download  VLMO21.. Download
File Size   376.93 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Mini SMD LED

VLMO21.. Datasheet (PDF)

Go To PDF Page Download Datasheet
VLMO21.. Datasheet PDF - Vishay Siliconix

Part # VLMO21..
Download  VLMO21.. Click to download

File Size   376.93 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Mini SMD LED

VLMO21.. Datasheet (HTML) - Vishay Siliconix


VLMO21.. Product details

DESCRIPTION
The new MiniLED series has been designed in a small white
SMT package. The feature of the device is the very small
package 2.3 mm x 1.3 mm x 1.4 mm. The MiniLED is an
obvious solution for small-scale, high-power products that
are expected to work reliably in an arduous environment.
This is often the case in automotive and industrial
application of course.

FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement
equipment
• EIA and ICE standard package
• IR reflow soldering
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to
light pipes and backlighting
• Low power consumption
• ESD-withstand voltage: up to 2 kV (HBM) according to
JESD22-A114-B
• Luminous intensity ratio in one packaging unit
IVmax./IVmin. ≤ 1.6
• Preconditioning according to JEDEC® level 2a
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VLMO21..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMO21 VISHAY-VLMO21 Datasheet
321Kb / 12P
Standard Mini SMD LED
12-May-15
VLMO21 VISHAY-VLMO21 Datasheet
350Kb / 12P
Standard Mini SMD LED
22-May-2019
logo
HK TO-GRACE TECHNOLOGY ...
VLMO2100 TO-GRACE-VLMO2100 Datasheet
1Mb / 12P
Standard Mini SMD LED
logo
Vishay Siliconix
VLMO2100-GS08 VISHAY-VLMO2100-GS08 Datasheet
321Kb / 12P
Standard Mini SMD LED
12-May-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMO2100-GS08 TO-GRACE-VLMO2100-GS08 Datasheet
1Mb / 12P
Standard Mini SMD LED
More results


Similar Description - VLMO21..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMS2100-GS08 VISHAY-TLMS2100-GS08 Datasheet
317Kb / 11P
Standard Mini SMD LED
24-Sep-07
VLMG21J2L1-GS08 VISHAY-VLMG21J2L1-GS08 Datasheet
935Kb / 9P
Standard Mini SMD LED
30-Apr-13
VLME2302 VISHAY-VLME2302 Datasheet
297Kb / 9P
Standard Mini SMD LED
29-Jan-16
VLMG21 VISHAY-VLMG21 Datasheet
330Kb / 9P
Standard Mini SMD LED
29-Jan-16
VLMO21 VISHAY-VLMO21 Datasheet
321Kb / 12P
Standard Mini SMD LED
12-May-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMG21K1L2-GS08 TO-GRACE-VLMG21K1L2-GS08 Datasheet
1Mb / 9P
Standard Mini SMD LED
VLMS2100-GS08 TO-GRACE-VLMS2100-GS08 Datasheet
1Mb / 12P
Standard Mini SMD LED
logo
Vishay Siliconix
VLMOSY21 VISHAY-VLMOSY21 Datasheet
350Kb / 12P
Standard Mini SMD LED
22-May-2019
VLMG21 VISHAY-VLMG21_V01 Datasheet
334Kb / 9P
Standard Mini SMD LED
22-May-2019
VLMO21 VISHAY-VLMO21_V01 Datasheet
350Kb / 12P
Standard Mini SMD LED
22-May-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com