Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMO21.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMO21..
Description  Standard Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMO21.. Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMO21.. Datasheet HTML 1Page - Vishay Siliconix VLMO21.. Datasheet HTML 2Page - Vishay Siliconix VLMO21.. Datasheet HTML 3Page - Vishay Siliconix VLMO21.. Datasheet HTML 4Page - Vishay Siliconix VLMO21.. Datasheet HTML 5Page - Vishay Siliconix VLMO21.. Datasheet HTML 6Page - Vishay Siliconix VLMO21.. Datasheet HTML 7Page - Vishay Siliconix VLMO21.. Datasheet HTML 8Page - Vishay Siliconix VLMO21.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
VLMO21.., VLMY21..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 19-Apr-2022
4
Document Number: 81233
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Relative Luminous Intensity vs. Angular Displacement
Fig. 4 - Relative Intensity vs. Wavelength
Fig. 5 - Forward Current vs. Forward Voltage
Fig. 6 - Relative Luminous Intensity vs. Forward Current
Fig. 7 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 8 - Relative Forward Voltage vs. Ambient Temperature
19903
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
520540 560580 600620 640660 680700 720
Axis Title
λ - Wavelengths (nm)
2nd line
Soft orange
10
100
1000
10000
1
10
100
Axis Title
V
F - Forward Voltage (V)
2nd line
1.0
1.5
2.0
2.5
3.0
3.5
Soft orange
10
100
1000
10000
0.01
0.1
1
10
100
110
100
Axis Title
I
F - Forward Current (mA)
2nd line
Soft orange
10
100
1000
10000
0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20406080
100
Axis Title
T
amb - Ambient Temperature (°C)
2nd line
Soft orange
10
100
1000
10000
0.90
0.95
1.00
1.05
1.10
-40
-20
0
20406080
100
Axis Title
T
amb - Ambient Temperature (°C)
2nd line
Soft orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com