Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMR233.. Datasheet (PDF) - Vishay Siliconix

VLMR233.. Datasheet PDF - Vishay Siliconix
Part # VLMR233..
Download  VLMR233.. Download
File Size   273.16 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Mini SMD LED

VLMR233.. Datasheet (PDF)

Go To PDF Page Download Datasheet
VLMR233.. Datasheet PDF - Vishay Siliconix

Part # VLMR233..
Download  VLMR233.. Click to download

File Size   273.16 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Mini SMD LED

VLMR233.. Datasheet (HTML) - Vishay Siliconix


VLMR233.. Product details

DESCRIPTION
The new MiniLED series has been designed in a small white
SMT package. The feature of the device is the very small
package 2.3 mm x 1.3 mm x 1.4 mm. The MiniLED is an
obvious solution for small-scale, high-power products that
are expected to work reliably in an arduous environment.
This is often the case in automotive and industrial
application.

FEATURES
• Utilizing latest advanced AlInGaP technology
• Available in 8 mm tape
• Luminous intensity and color categorized per
packing unit
• Luminous intensity ratio per packing unit
IVmax./IVmin. ≤ 1.6
• ESD-withstand voltage: up to 2 kV according
to JESD22-A114-B
• Preconditioning according to JEDEC® level 2a
• IR reflow soldering
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VLMR233..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMR233 VISHAY-VLMR233 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
VLMR233 VISHAY-VLMR233 Datasheet
274Kb / 9P
Power Mini SMD LED
23-Sep-2021
VLMR233T2V2-GS08 VISHAY-VLMR233T2V2-GS08 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
VLMR233T2V2-GS08 VISHAY-VLMR233T2V2-GS08 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMR233T2V2-GS08 TO-GRACE-VLMR233T2V2-GS08 Datasheet
781Kb / 9P
Power Mini SMD LED
More results


Similar Description - VLMR233..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS233T1V1-GS08 VISHAY-VLMS233T1V1-GS08 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
VLMS233 VISHAY-VLMS233 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
VLME23 VISHAY-VLME23 Datasheet
325Kb / 12P
Power Mini SMD LED
29-Jan-16
logo
HK TO-GRACE TECHNOLOGY ...
VLMS233T1V1-GS08 TO-GRACE-VLMS233T1V1-GS08 Datasheet
781Kb / 9P
Power Mini SMD LED
VLMS234V2BA-GS08 TO-GRACE-VLMS234V2BA-GS08 Datasheet
737Kb / 8P
Power Mini SMD LED
VLMS235S2U1-GS08 TO-GRACE-VLMS235S2U1-GS08 Datasheet
792Kb / 9P
Power Mini SMD LED
VLMP232M2N2 TO-GRACE-VLMP232M2N2 Datasheet
1Mb / 8P
Power Mini SMD LED
logo
Vishay Siliconix
VLMX234 VISHAY-VLMX234 Datasheet
260Kb / 8P
Power Mini SMD LED
07-Mar-17
VLME23 VISHAY-VLME23_V02 Datasheet
356Kb / 12P
Power Mini SMD LED
21-Jul-2022
VLMF2300 VISHAY-VLMF2300_V02 Datasheet
344Kb / 10P
Power Mini SMD LED
12-Sep-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com