Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMR233.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMR233..
Description  Power Mini SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMR233.. Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMR233.. Datasheet HTML 1Page - Vishay Siliconix VLMR233.. Datasheet HTML 2Page - Vishay Siliconix VLMR233.. Datasheet HTML 3Page - Vishay Siliconix VLMR233.. Datasheet HTML 4Page - Vishay Siliconix VLMR233.. Datasheet HTML 5Page - Vishay Siliconix VLMR233.. Datasheet HTML 6Page - Vishay Siliconix VLMR233.. Datasheet HTML 7Page - Vishay Siliconix VLMR233.. Datasheet HTML 8Page - Vishay Siliconix VLMR233.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VLMS233.., VLMR233.., VLMK233.., VLMO233.., VLMY233..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 21-Jul-2022
3
Document Number: 82423
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Wavelengths are tested at a current pulse duration of 25 ms
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups will not
be orderable
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY233.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMY233T2V2
IV
355
650
1120
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 20 mA
λd
583
589
594
nm
Peak wavelength
IF = 20 mA
λp
-
591
-
nm
Spectral bandwidth
at 50 % Irel max.
IF = 20 mA
Δλ
-17-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
1.82.152.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
AMBER
SOFT ORANGE
YELLOW
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
1
611
618
2
614
622
600
603
583
586
3
602
605
585
588
4
604
607
587
590
5
606
609
589
592
6
608
611
591
594
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
T
1
280
355
2
355
450
U
1
450
560
2
560
710
V
1
710
900
2
900
1120
A
A
1120
1400
B
1400
1800
CROSSING TABLE
VISHAY
OSRAM
VLMS233T1V1
LS M67F-S2U2-1
VLMY233T2V2
LY M67F-T2V2-36



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com