Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPAP2112K Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPAP2112K Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPAP2112K
Download  TPAP2112K Download
File Size   2724.56 Kbytes
Page   9 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 600mA,10uA, Higt PSRR Voltage Reaulator

TPAP2112K Datasheet (PDF)

Go To PDF Page Download Datasheet
TPAP2112K Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPAP2112K
Download  TPAP2112K Click to download

File Size   2724.56 Kbytes
Page   9 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 600mA,10uA, Higt PSRR Voltage Reaulator

TPAP2112K Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPAP2112K Product details

Features
* 10uA Ground Current at no Load
* £2% Output Accuracy
* 600mA Output Current
* 10nA Disable Current ( by option )
* Wide Operating Input Voltage Range: 1.2V to 5.5V
* Dropout Voltage: 0.32V at 600mA/ Vour 3.3V
* Support Fixed Output Voltage 1.2V, 1.5V, 1.6V, 1.8V,
2.5V,2.8V, 3.0V, 3.3V
* Stable with Ceramic or Tantalum Capacitor
* Current Limit Protection
Over Temperature Protection
* SOT23-5 Packages.

General Descri tion
This production is group of low -dropout ( LDO )
Voltage regulators offering the benefits of wide input
Voltage range from 1.2V to 5.5V, low dropout voltage,
low power consumption, and miniaturized packaging.
Quiescent current of only 10A makes these devices
ideal for powering the battery-powered, always-on
systems that require very litle idle-state power
dissipation to a longer service life. There is an option of
shutdown mode by selecting the parts with the EN pin
and puling it low. The shutdown current in this mode
‘goes down to only 10nA (typical ).
This production is of linear regulators are stable with
the ceramic output capacitor over its wide input range
from 1.2V to 5.5V and the entire range of output load
current ((0mA to 600mA ).




Similar Part No. - TPAP2112K

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPAP2127N TECHPUBLIC-TPAP2127N Datasheet
2Mb / 6P
Ultra Low Consumption CMOS Voltage Regulator
TPAP2127N-1.2TRG1 TECHPUBLIC-TPAP2127N-1.2TRG1 Datasheet
2Mb / 6P
Ultra Low Consumption CMOS Voltage Regulator
TPAP2127N-1.8TRG1 TECHPUBLIC-TPAP2127N-1.8TRG1 Datasheet
2Mb / 6P
Ultra Low Consumption CMOS Voltage Regulator
TPAP2127N-2.5TRG1 TECHPUBLIC-TPAP2127N-2.5TRG1 Datasheet
2Mb / 6P
Ultra Low Consumption CMOS Voltage Regulator
TPAP2127N-2.8TRG1 TECHPUBLIC-TPAP2127N-2.8TRG1 Datasheet
2Mb / 6P
Ultra Low Consumption CMOS Voltage Regulator
More results


Similar Description - TPAP2112K

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
LP2980IM5X-5.0 TECHPUBLIC-LP2980IM5X-5.0 Datasheet
4Mb / 8P
16V,50mA, 10uA, Higt PSRR Voltage Reaulator
TPAP2204R TECHPUBLIC-TPAP2204R Datasheet
1Mb / 5P
24V,200mA, 10uA, Higt PSRR Voltage Reaulator
TPMIC5255-3.3YM5 TECHPUBLIC-TPMIC5255-3.3YM5 Datasheet
2Mb / 6P
300mA 2uA Higt PSRR Voltage Reaulator
TPTLV70318DBVR TECHPUBLIC-TPTLV70318DBVR Datasheet
1Mb / 6P
300mA Higt PSRR Voltage Reaulator
TPTLV70333DBVR TECHPUBLIC-TPTLV70333DBVR Datasheet
1Mb / 6P
300mA Higt PSRR Voltage Reaulator
LP2980IM5X-2.5 TECHPUBLIC-LP2980IM5X-2.5 Datasheet
2Mb / 6P
16V,50mA, 10uA, Higt PSRR Voltage Reaulator
LP2980IM5X-3.0 TECHPUBLIC-LP2980IM5X-3.0 Datasheet
2Mb / 6P
16V,50mA, 10uA, Higt PSRR Voltage Reaulator
TPSPX5205M5-L-1-8 TECHPUBLIC-TPSPX5205M5-L-1-8 Datasheet
2Mb / 6P
20V Higt PSRR Voltage Reaulator
TPSPX5205M5-L-2-5 TECHPUBLIC-TPSPX5205M5-L-2-5 Datasheet
2Mb / 6P
20V Higt PSRR Voltage Reaulator
TPSPX5205M5-L-3-0 TECHPUBLIC-TPSPX5205M5-L-3-0 Datasheet
2Mb / 6P
20V Higt PSRR Voltage Reaulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com