Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPAP2204R Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPAP2204R Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPAP2204R
Download  TPAP2204R Download
File Size   1952.16 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 24V,200mA, 10uA, Higt PSRR Voltage Reaulator

TPAP2204R Datasheet (PDF)

Go To PDF Page Download Datasheet
TPAP2204R Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPAP2204R
Download  TPAP2204R Click to download

File Size   1952.16 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 24V,200mA, 10uA, Higt PSRR Voltage Reaulator

TPAP2204R Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPAP2204R Product details

Features
• 1.5μA Ground Current at no Load
• ±2% Output Accuracy
• 200mA Output Current
• Wide Operating Input Voltage Range: 2V to
24V
• Dropout Voltage: 0.35V at 100mA (VOUT=5V)
• Support Fixed Output Voltage: 3.3V, 5V,
• Stable with Ceramic or Tantalum Capacitor
• Current Limit Protection
•Over-Temperature Protection
• SOT89-3 Package Available




Similar Part No. - TPAP2204R

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPAP2205 TECHPUBLIC-TPAP2205 Datasheet
2Mb / 5P
WIDE INPUT VOLTAGE RANGE, 250mA LDO REGULATOR
TPAP2205-33W5 TECHPUBLIC-TPAP2205-33W5 Datasheet
2Mb / 5P
WIDE INPUT VOLTAGE RANGE, 250mA LDO REGULATOR
TPAP2205-50W5 TECHPUBLIC-TPAP2205-50W5 Datasheet
2Mb / 5P
WIDE INPUT VOLTAGE RANGE, 250mA LDO REGULATOR
More results


Similar Description - TPAP2204R

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPAP2112K TECHPUBLIC-TPAP2112K Datasheet
2Mb / 9P
600mA,10uA, Higt PSRR Voltage Reaulator
TPLP2992IM5X-3.3 TECHPUBLIC-TPLP2992IM5X-3.3 Datasheet
4Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
LP2980IM5X-5.0 TECHPUBLIC-LP2980IM5X-5.0 Datasheet
4Mb / 8P
16V,50mA, 10uA, Higt PSRR Voltage Reaulator
LP2985IM5X-3.3 TECHPUBLIC-LP2985IM5X-3.3 Datasheet
4Mb / 8P
16V,200mA, 5uA, Higt PSRR Voltage Reaulator
LP2985IM5X-5.0 TECHPUBLIC-LP2985IM5X-5.0 Datasheet
4Mb / 8P
16V,200mA, 5uA, Higt PSRR Voltage Reaulator
LP2980IM5X-2.5 TECHPUBLIC-LP2980IM5X-2.5 Datasheet
2Mb / 6P
16V,50mA, 10uA, Higt PSRR Voltage Reaulator
LP2980IM5X-3.0 TECHPUBLIC-LP2980IM5X-3.0 Datasheet
2Mb / 6P
16V,50mA, 10uA, Higt PSRR Voltage Reaulator
LP2985IM5X-2.5 TECHPUBLIC-LP2985IM5X-2.5 Datasheet
2Mb / 6P
16V,200mA, 5uA, Higt PSRR Voltage Reaulator
LP2985IM5X-2.8 TECHPUBLIC-LP2985IM5X-2.8 Datasheet
2Mb / 6P
16V,200mA, 5uA, Higt PSRR Voltage Reaulator
TPLP2992IM5X-2.5 TECHPUBLIC-TPLP2992IM5X-2.5 Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com