Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV835 Datasheet (PDF) - Supertex, Inc

HV835 Datasheet PDF - Supertex, Inc
Part # HV835
Download  HV835 Download
File Size   242.95 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Noise Dual EL Lamp Driver

HV835 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV835 Datasheet PDF - Supertex, Inc

Part # HV835
Download  HV835 Click to download

File Size   242.95 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Noise Dual EL Lamp Driver

HV835 Datasheet (HTML) - Supertex, Inc


HV835 Product details

General Description
The Supertex HV835 is a high voltage driver designed for driving two EL lamps with a combined area of 3.5 square inches. The input supply voltage range is from 2.0V to 5.8V. The device is designed to reduce the amount of audible noise emitted by the lamp. This device uses a single inductor and a minimum number of passive components to drive two EL lamps. The nominal regulated output voltage of ±80V is applied to the EL lamps.

Features
► Low audible noise
► Independent input control for lamp selection
► 160VPP output voltage
► Split supply capability
► Patented output timing
► One miniature inductor to power both lamps
► Low shutdown current
► Wide input voltage range 2.0V to 5.8V
► Output voltage regulation
► No SCR output
► Available in MLP/DFN-10 package

Applications
► Dual display cellular phones
► Keypad and LCD backlighting
► Portable instrumentation
► Dual segment lamps
► Handheld wireless communication devices




Similar Part No. - HV835

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
HV830 SUTEX-HV830 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV830LG SUTEX-HV830LG Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
HV830LG SUTEX-HV830LG Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV830LG-G SUTEX-HV830LG-G Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
More results


Similar Description - HV835

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV832 SUTEX-HV832 Datasheet
48Kb / 6P
Dual High Voltage, Low Noise EL Lamp Driver
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
Low Noise Dimmable EL Lamp Driver
HV843 SUTEX-HV843 Datasheet
428Kb / 6P
Low Noise Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
Low Noise, Dual EL Lamp Driver
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
Low Noise, Dual EL Lamp Driver
HV862 SUTEX-HV862 Datasheet
698Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV860 SUTEX-HV860_09 Datasheet
643Kb / 8P
Low Noise, Dimmable EL Lamp Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com