Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV830 Datasheet (PDF) - Supertex, Inc

HV830 Datasheet PDF - Supertex, Inc
Part # HV830
Download  HV830 Download
File Size   306.87 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage EL Lamp Driver

HV830 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV830 Datasheet PDF - Supertex, Inc

Part # HV830
Download  HV830 Click to download

File Size   306.87 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage EL Lamp Driver

HV830 Datasheet (HTML) - Supertex, Inc


HV830 Product details

General Description
The Supertex HV830 is a high-voltage driver designed for driving EL lamps of up to 50nF. EL lamps greater than 50nF can be driven for applications not requiring high brightness. The input supply voltage range is from 2.0V to 9.5V. The device uses a single inductor and a minimum number of passive components. The nominal regulated output voltage that is applied to the EL lamp is ±100V. The chip can be enabled by connecting the resistors on RSW-osc and REL-osc to VDD and disabled when connected to GND.

Features
❏ Processed with HVCMOS® technology
❏ 2.0V to 9.5V operating supply voltage
❏ DC to AC conversion
❏ 200V peak-to-peak typical output voltage
❏ Large output load capability – typically 50nF
❏ Permits the use of high-resistance elastomeric lamp connectors
❏ Adjustable output lamp frequency to control lamp color, lamp life, and power consumption
❏ Adjustable converter frequency to eliminate harmonics and optimize power consumption
❏ Enable/disable function
❏ Low current draw under no load condition
❏ Very low standby current – 30nA typical

Applications
❏ Handheld personal computers
❏ Electronic personal organizers
❏ GPS units
❏ Pagers
❏ Cellular phones
❏ Portable instrumentation




Similar Part No. - HV830

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830 SUTEX-HV830 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV830LG SUTEX-HV830LG Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV830LG-G SUTEX-HV830LG-G Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV830LG-G SUTEX-HV830LG-G Datasheet
805Kb / 6P
High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
More results


Similar Description - HV830

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com