Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV829A Datasheet (PDF) - Supertex, Inc

HV829A Datasheet PDF - Supertex, Inc
Part # HV829A
Download  HV829A Download
File Size   42.63 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage EL Lamp Driver

HV829A Datasheet (PDF)

Go To PDF Page Download Datasheet
HV829A Datasheet PDF - Supertex, Inc

Part # HV829A
Download  HV829A Click to download

File Size   42.63 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage EL Lamp Driver

HV829A Datasheet (HTML) - Supertex, Inc


HV829A Product details

General Description
The Supertex HV829A/B are high voltage EL lamp driver integrated circuits designed for driving EL lamps of up to 70nF at 1000Hz. The input supply voltage range is from 2.7V to 5.5V. These devices use a single inductor, a high voltage switching FET and a minimum number of passive components. The HV829A/B will supply the EL lamp with an AC square wave with a peak-to-peak voltage of two times the set regulated DC voltage.

Features
❑ Processed with HVCMOS® technology
❑ VDD voltage range = 2.7 to 5.5V DC
❑ Output load up to 70nF (20 in2 for 3.5nF/ in2 lamp)
❑ Adjustable DC-DC converter frequency
❑ Continious output voltage regulation control (from 50V to 200V)

Application
❑ Electronic Organizers
❑ Handheld Portable Computers
❑ Display Signs
❑ Portable Instrumentation Equipment




Similar Part No. - HV829A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
621Kb / 8P
High Voltage EL Lamp Driver IC
HV823LG SUTEX-HV823LG Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
1Mb / 8P
High Voltage EL Lamp Driver IC
More results


Similar Description - HV829A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com