Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV8051 Datasheet (PDF) - Supertex, Inc

HV8051 Datasheet PDF - Supertex, Inc
Part # HV8051
Download  HV8051 Download
File Size   53.88 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High-Voltage EL Lamp Driver

HV8051 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV8051 Datasheet PDF - Supertex, Inc

Part # HV8051
Download  HV8051 Click to download

File Size   53.88 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High-Voltage EL Lamp Driver

HV8051 Datasheet (HTML) - Supertex, Inc


HV8051 Product details

General Description
The Supertex HV8051 and HV8053 are high-voltage drivers designed for driving EL lamps of typically 4nF and 12nF for a 1V and 3V operation. The input supply voltage range is from 1.0V to 1.6V for HV8051 and 2.4V to 3.5V for HV8053. The device uses a single inductor and a minimum number of passive components. Typical output voltage that can be applied to the EL lamp is ±50V for HV8051 and ±70V for HV8053.

Features
□ Processed with HVCMOS® technology
□ 1.0V to 3.5V operating supply voltage
□ DC to AC conversion
□ Adjustable output lamp frequency to control lamp color, lamp life, and power consumption
□ Adjustable converter frequency to eliminate harmonics and optimize power consumption

Applications
□ Pagers
□ Portable transceiver
□ Cellular phones
□ Remote control units
□ Calculators




Similar Part No. - HV8051

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV803LG SUTEX-HV803LG Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV803X SUTEX-HV803X Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV809 SUTEX-HV809 Datasheet
325Kb / 4P
Off-Line High Voltage EL Lamp Driver
HV809 SUTEX-HV809 Datasheet
478Kb / 7P
Off-Line, High Voltage EL Lamp Driver
More results


Similar Description - HV8051

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com