Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV830 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV830
Description  High Voltage EL Lamp Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV830 Datasheet(HTML) 4 Page - Supertex, Inc

  HV830 Datasheet HTML 1Page - Supertex, Inc HV830 Datasheet HTML 2Page - Supertex, Inc HV830 Datasheet HTML 3Page - Supertex, Inc HV830 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Figure 3: Split Supply Configuration
*Larger values may be required depending upon supply impedance.
For additional information, see Application Notes AN-H33 and AN-H34.
External Component Description
External Component
Selection Guide Line
Diode
Fast reverse recovery diode, BAS21LT1 or equivalent.
Cs Capacitor
0.01
µF to 0.1µF, 200V capacitor to GND is used to store the energy transferred from the inductor.
R
EL-osc
The EL lamp frequency is controlled via an external R
EL resistor connected between REL-osc and VDD of the
device. The lamp frequency increases as R
EL decreases. As the EL lamp frequency increases, the amount
of current drawn from the battery will increase and the output voltage V
CS will decrease. The color of the EL
lamp is dependent upon its frequency.
A 3.3M
Ω resistor would provide lamp frequency of 220 to 280Hz. Decreasing the R
EL-osc by a factor of 2 will
increase the lamp frequency by a factor of 2.
R
SW-osc
The switching frequency of the converter is controlled via an external resistor, R
SW between RSW-osc and VDD
of the device. The switching frequency increases as R
SW decreases. With a given inductor, as the switching
frequency increases, the amount of current drawn from the battery will decrease and the output voltage, V
CS,
will also decrease.
C
SW Capacitor
A 1nF capacitor is recommended on R
SW-osc to GND when a 0.01µF CS capacitor is used. This capacitor
is used to shunt any switching noise that may couple into the R
SW-osc pin. The CSW capacitor may also be
needed when driving large EL lamp due to an increase in switching noise.
Lx Inductor
The inductor L
x is used to boost the low input voltage by inductive flyback. When the internal switch is on,
the inductor is being charged. When the internal switch is off, the charge stored in the inductor will be
transferred to the high voltage capacitor C
S. The energy stored in the capacitor is connected to the internal
H-bridge and therefore to the EL lamp. In general, smaller value inductors, which can handle more current,
are more suitable to drive larger size lamps. As the inductor value decreases, the switching frequency of the
inductor (controlled by R
SW) should be increased to avoid saturation.
220
µH Murata inductors with 5.4Ω series DC resistance is typically recommended. For inductors with the
same inductance value but with lower series DC resistance, lower R
SW value is needed to prevent high current
draw and inductor saturation.
Lamp
As the EL lamp size increases, more current will be drawn from the battery to maintain high voltage across
the EL lamp. The input power, (V
IN x IIN), will also increase. If the input power is greater than the power
dissipation of the package (400mW), an external resistor in series with one side of the lamp is recommended
to help reduce the package power dissipation.
1
7
2
3
4
8
6
5
VIN = Battery
Voltage
VDD = Regulated
Voltage
ON = VDD
OFF = 0V
CS
200V
0.1
µF*
Lx
BAS21LT1
RSW
REL
EL Lamp
HV830LG
Lx
GND
VB
VA
REL-osc
VDD
RSW-osc
Cs
+
–
Remote
Enable
1nF
HV830
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com