Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23A640 Datasheet (PDF) - Microchip Technology

23A640 Datasheet PDF - Microchip Technology
Part # 23A640
Download  23A640 Download
File Size   611.29 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64-Kbit SPI Bus Low-Power Serial SRAM

23A640 Datasheet (PDF)

Go To PDF Page Download Datasheet
23A640 Datasheet PDF - Microchip Technology

Part # 23A640
Download  23A640 Click to download

File Size   611.29 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64-Kbit SPI Bus Low-Power Serial SRAM

23A640 Datasheet (HTML) - Microchip Technology


23A640 Product details

Features
• Max. Clock 20 MHz
• Low-Power CMOS Technology:
- Read current: 3 mA at 1 MHz
- Standby Current: 4 A Max. at +85°C
• 8192 x 8-bit Organization
• 32-Byte Page
• HOLD pin
• Flexible Operating modes:
- Byte read and write
- Page mode (32 Byte Page)
- Sequential mode
• Sequential Read/Write
• High Reliability
• Temperature Ranges Supported:
• Automotive AEC-Q100 Qualified
• RoHS Compliant, Halogen Free
- Industrial (I):
- Extended (E):
-40C
-40C
to
to
+85C
+125C




Similar Part No. - 23A640

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A640 MICROCHIP-23A640 Datasheet
368Kb / 26P
64K SPI Bus Low-Power Serial SRAM
2009
23A640 MICROCHIP-23A640 Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
23A640-E/P MICROCHIP-23A640-E/P Datasheet
368Kb / 26P
64K SPI Bus Low-Power Serial SRAM
2009
23A640-E/P MICROCHIP-23A640-E/P Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
23A640-E/P MICROCHIP-23A640-E/P Datasheet
608Kb / 28P
64K SPI Bus Low-Power Serial SRAM
08/02/11
More results


Similar Description - 23A640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95320 STMICROELECTRONICS-M95320 Datasheet
353Kb / 44P
32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
07-Jul-2006
logo
Microchip Technology
23A256 MICROCHIP-23A256 Datasheet
368Kb / 26P
256K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640 Datasheet
368Kb / 26P
64K SPI Bus Low-Power Serial SRAM
2009
23A256 MICROCHIP-23A256_10 Datasheet
563Kb / 28P
256K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640_10 Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
logo
STMicroelectronics
M95640-DRE STMICROELECTRONICS-M95640-DRE Datasheet
749Kb / 41P
64-Kbit serial SPI bus EEPROM - 105C operation
28-Jan-2015
logo
Microchip Technology
23A640 MICROCHIP-23A640_11 Datasheet
608Kb / 28P
64K SPI Bus Low-Power Serial SRAM
08/02/11
23A256 MICROCHIP-23A256_11 Datasheet
609Kb / 28P
256K SPI Bus Low-Power Serial SRAM
08/02/11
23A256 MICROCHIP-23A256_V01 Datasheet
412Kb / 27P
256-Kbit SPI Bus Low-Power Serial SRAM
Revision G (04/2022)
logo
STMicroelectronics
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
64-Kbit serial SPI bus EEPROM with high-speed clock
11-Feb-2016
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com