Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LCV512 Datasheet (PDF) - Microchip Technology

23LCV512 Datasheet PDF - Microchip Technology
Part # 23LCV512
Download  23LCV512 Download
File Size   672.95 Kbytes
Page   29 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface

23LCV512 Datasheet (PDF)

Go To PDF Page Download Datasheet
23LCV512 Datasheet PDF - Microchip Technology

Part # 23LCV512
Download  23LCV512 Click to download

File Size   672.95 Kbytes
Page   29 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface

23LCV512 Datasheet (HTML) - Microchip Technology


23LCV512 Product details

Features:
• SPI-Compatible Bus Interface:
- 20 MHz Clock rate
- SPI/SDI mode
• Low-Power CMOS Technology:
- Read Current: 3 mA at 5.5V, 20 MHz
- Standby Current: 4 A at +85°C
• Unlimited Read and Write Cycles
• External Battery Backup support
• Zero Write Time
• 64K x 8-bit Organization:
- 32-byte page
• Byte, Page and Sequential mode for Reads and
Writes
• High Reliability
• Temperature Range Supported:
• Pb-Free and RoHS Compliant, Halogen Free.
• 8-Lead SOIC, TSSOP and PDIP Packages
- Industrial (I): -40C to +85C




Similar Part No. - 23LCV512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23LCV512 MICROCHIP-23LCV512 Datasheet
700Kb / 30P
512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
More results


Similar Description - 23LCV512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A1024 MICROCHIP-23A1024 Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
2011-2012
23A512 MICROCHIP-23A512 Datasheet
728Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
2012
23LCV1024 MICROCHIP-23LCV1024 Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV512 MICROCHIP-23LCV512 Datasheet
700Kb / 30P
512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV1024T-E MICROCHIP-23LCV1024T-E Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
11/29/11
23LC1024-I MICROCHIP-23LC1024-I Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
11/29/11
23A1024 MICROCHIP-23A1024_15 Datasheet
427Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
03/25/14
23A512 MICROCHIP-23A512_13 Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23A512 MICROCHIP-23A512_V01 Datasheet
428Kb / 32P
512-Kbit SPI Serial SRAM with SDI and SQI Interface
Revision C (May 2022)
23LCV1024 MICROCHIP-23LCV1024_V01 Datasheet
616Kb / 29P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com