Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1792 Datasheet (PDF) - Microchip Technology

MCP1792 Datasheet PDF - Microchip Technology
Part # MCP1792
Download  MCP1792 Download
File Size   1932.56 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 100 mA High-Voltage Automotive LDO

MCP1792 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1792 Datasheet PDF - Microchip Technology

Part # MCP1792
Download  MCP1792 Click to download

File Size   1932.56 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 100 mA High-Voltage Automotive LDO

MCP1792 Datasheet (HTML) - Microchip Technology


MCP1792 Product details

Features
• AEC-Q100 with Grade 0 and PPAP Capable
• Wide Input Voltage Range: 4.5V to 55V
- Up to 70V transient
- Under Voltage Lock Out (UVLO): 2.7V typical
• Extended Operating Temperature Range: -40°C
to +150°C
• Standard Output Regulated Voltages (VR): 3.3V
and 5.0V (Note 1)
- Tolerance 2.0% typical
• Low Quiescent Supply Current: 25 μA typical
• Low Shutdown Quiescent Supply Current:
2 μA typical
• Output Current Capability: 100 mA typical
- Short Circuit Current Foldback Protection
- Thermal Shutdown Protection: 175°C
• Stable with Ceramic Output Capacitor: 2.2 μF
• High PSRR:
- 80 dB @ 100 Hz typical
- 55 dB @ 100 kHz typical
• Available in the following packages:
- 3-Lead SOT-223 (MCP1792)
- 3-Lead SOT-23A (MCP1792)
- 5-Lead SOT-223 (MCP1793)
- 5-Lead SOT-23 (MCP1793)

Applications
• Automotive Electronics
• Microcontroller Biasing
• High-Voltage Battery Packs for Power Tools,
ebikes, etc
• Smoke Detectors and other Alarm Sensors




Similar Part No. - MCP1792

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1790 MICROCHIP-MCP1790 Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/DB MICROCHIP-MCP1790-3002E/DB Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/DC MICROCHIP-MCP1790-3002E/DC Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/EB MICROCHIP-MCP1790-3002E/EB Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
MCP1790-3002E/ET MICROCHIP-MCP1790-3002E/ET Datasheet
1,012Kb / 34P
70 mA, High Voltage Regulator
2008
More results


Similar Description - MCP1792

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
100 mA CMOS LDO Regulators
logo
ON Semiconductor
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
80 mA High-Voltage Automotive LDO
05/14/19
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
NJW4106T1 NJRC-NJW4106T1 Datasheet
744Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com