Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1792 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1792
Description  100 mA High-Voltage Automotive LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1792 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1792 Datasheet HTML 1Page - Microchip Technology MCP1792 Datasheet HTML 2Page - Microchip Technology MCP1792 Datasheet HTML 3Page - Microchip Technology MCP1792 Datasheet HTML 4Page - Microchip Technology MCP1792 Datasheet HTML 5Page - Microchip Technology MCP1792 Datasheet HTML 6Page - Microchip Technology MCP1792 Datasheet HTML 7Page - Microchip Technology MCP1792 Datasheet HTML 8Page - Microchip Technology MCP1792 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
 2019-2020 Microchip Technology Inc.
DS20006229C-page 4
MCP1792/3
Line Regulation
VOUT/
(VOUTxVIN)
±0.0002
±0.05
%/V
4.5V < VIN < 55V,
6.2V < VIN < 55V
Load Regulation
VOUT/VOUT
-1
0.2
+1
%
IOUT = 1 mA to 100 mA, 
TA of -40°C to +85°C
-2
0.2
+2
IOUT = 1 mA to 100 mA, 
TA of -40°C to +150°C
Dropout Voltage
VDROPOUT
—250
400
mV
TA of -40°C to +85°C, 
IOUT = 100 mA
—250
1200
TA of -40°C to +150°C,
IOUT = 100 mA (Note 3)
Input Voltage to Turn On
Output
VUVLO_High
2.7
V
VR = 3.3V, VR = 5.0V, rising
VIN, VIN = 0 to VIN_MIN
Input Voltage to Turn Off
Output
VUVLO_Low
2.4
V
VR = 3.3V, VR = 5.0V, failing
VIN, VIN = VIN_MIN to 0
Shutdown Input
Logic High Input
VSHDN-HIGH
2.4
—
VIN
V
Logic Low Input
VSHDN-LOW
0
—
0.8
V
Shutdown Input Leakage
Current
SHDNILK
—0.2
0.4
µA
SHDN = GND, or
SHDN = 6.2V
AC Performance
Output Voltage Delay
Time
TDELAY
—800
1200
µs
VIN = 0 to 6.2V
VOUT = GND to 10% of VR,
RLOAD = 50Note 5)
Output Rise Time
TRISE
400
µs
VIN = 0 to 6.2V
VOUT = 10% to 90% of VR,
RLOAD = 50 Note 5)
Output Noise
eN
—400
—
µVrms
f = 10 Hz to 100 kHz,
VR = 3.3V, IOUT = 10 mA
(Note 5)
Power Supply Ripple
Rejection Ratio
PSRR
—80
—
dB
f = 100 Hz (Note 4, Note 5)
55
f = 100 kHz (Note 4, Note 5)
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = VR + 1.2V (Note 1), IOUT = 1 mA, CIN = COUT = 2.2 µF
ceramic (X7R), TA = +25°C, SHDN > 2.4V. Boldface type applies for ambient temperatures TA of –40°C to +150°C
(Note 2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
VR is the nominal output voltage. The minimum input voltage is VIN = VR + 1.2V or VIN = VIN_MIN,
whichever is greater.
2:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). See the
Temperature Specifications table and Section 5.0 “Application Information”. Exceeding the maximum
allowable power dissipation will cause the device operating junction temperature to exceed the maximum
150°C rating. Sustained junction temperatures above 150°C can impact the device reliability.
3:
Dropout voltage is defined as the input to output voltage differential at which the output voltage drops 2%
below its nominal value that was measured with an input voltage of VIN = VR + 1.2V.
4:
PSRR measurement is carried out with CIN = 0 µF, VIN = 7V, IOUT = 10 mA, VINAC = 0.4 Vpkpk.
5:
Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com