Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1792 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1792
Description  100 mA High-Voltage Automotive LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1792 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1792 Datasheet HTML 13Page - Microchip Technology MCP1792 Datasheet HTML 14Page - Microchip Technology MCP1792 Datasheet HTML 15Page - Microchip Technology MCP1792 Datasheet HTML 16Page - Microchip Technology MCP1792 Datasheet HTML 17Page - Microchip Technology MCP1792 Datasheet HTML 18Page - Microchip Technology MCP1792 Datasheet HTML 19Page - Microchip Technology MCP1792 Datasheet HTML 20Page - Microchip Technology MCP1792 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2019-2020 Microchip Technology Inc.
DS20006229C-page 17
MCP1792/3
EQUATION 5-4:
EQUATION 5-5:
EQUATION 5-6:
5.3
Typical Application Examples
Internal power dissipation, junction temperature rise,
junction temperature and maximum power dissipation
are calculated in the following example. The power
dissipation as a result of ground current is small
enough to be neglected.
5.3.1
POWER DISSIPATION EXAMPLE
EXAMPLE 5-1:
5.3.1.1
Device Junction Temperature Rise
The internal junction temperature rise is a function of
internal power dissipation and of the thermal resistance
from junction-to-ambient for the application. The
thermal resistance from junction-to-ambient (
JA) is
derived from EIA/JEDEC standards for measuring
thermal resistance. The EIA/JEDEC specification is
JESD51. The standard describes the test method and
board specifications for measuring the thermal
resistance from junction-to-ambient. The actual
thermal resistance for a particular application can vary
depending on many factors such as copper area and
thickness. Refer to Application Note AN792, “A Method
to Determine How Much Power a SOT23 Can
Dissipate in an Application” (DS00792), for more
information regarding this subject.
EXAMPLE 5-2:
5.3.1.2
Junction Temperature Estimate
To estimate the internal junction temperature, the
calculated temperature rise is added to the ambient or
offset temperature. For this example, the worst-case
junction temperature is estimated below:
EXAMPLE 5-3:
5.3.1.3
Maximum Package Power
Dissipation at +60°C Ambient
Temperature
EXAMPLE 5-4:
Package
Package Type = 5-Lead SOT223
Input Voltage
VIN =14V ± 5%
LDO Output Voltage and Current
VOUT =5V
PDMAX

TJMAX

TAMAX

–

JA
---------------------------------------------------
=
Where:
PD(MAX) = Maximum power dissipation of the
device
TJ(MAX) = Maximum continuous junction
temperature
TA(MAX) = Maximum ambient temperature
JA = Thermal resistance from 
junction-to-ambient
TJRISE

PDMAX

JA
=
Where:
TJ(RISE) = Rise in the device junction
temperature over the ambient
temperature
PD(MAX) = Maximum power dissipation of the
device
JA = Thermal resistance from
junction-to-ambient
TJ
TJRISE

TA
+
=
Where:
TJ = Junction temperature
TJ(RISE) = Rise in the device junction
temperature over the ambient
temperature
TA = Ambient temperature
IOUT =50 mA
Maximum Ambient Temperature
TA(MAX) =+60°C
Internal Power Dissipation
PLDO(MAX) =(VIN(MAX) – VOUT(MIN)) x IOUT(MAX)
PLDO = (14.7 – 4.9) x 50 mA
PLDO = 0.49 Watts
TJ(RISE) =PTOTAL x JA
TJ(RISE) = 0.49W x 75°C/W
TJ(RISE) =36.75°C
TJ =TJ(RISE) + TA(MAX)
TJ = 36.75°C + 60.0°C
TJ =96.75°C
5Lead SOT223 (
JA = 75°C/W):
PD(MAX) = (150°C – 60°C)/75°C/W
PD(MAX) =1.2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com