Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1792 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1792
Description  100 mA High-Voltage Automotive LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1792 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1792 Datasheet HTML 9Page - Microchip Technology MCP1792 Datasheet HTML 10Page - Microchip Technology MCP1792 Datasheet HTML 11Page - Microchip Technology MCP1792 Datasheet HTML 12Page - Microchip Technology MCP1792 Datasheet HTML 13Page - Microchip Technology MCP1792 Datasheet HTML 14Page - Microchip Technology MCP1792 Datasheet HTML 15Page - Microchip Technology MCP1792 Datasheet HTML 16Page - Microchip Technology MCP1792 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2019-2020 Microchip Technology Inc.
DS20006229C-page 13
MCP1792/3
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP1792/3 is an AEC-Q100 qualified LDO
capable of outputting 100 mA of current over the entire
temperature range. The part is stable with a minimum
2.2 µF ceramic capacitor and features a high-voltage
SHDN pin, current foldback protection and extended
working temperature range: -40° to +150°. The device
also features an adequate PSRR of 80 dB typical for
low frequencies and 55 dB for high frequencies.
FIGURE 4-1:
Functional Block Diagram.
An innovative adaptive bias circuitry is used to lower
the power consumption at no load and light loads,
without compromising the dynamic response.
The internal discharge transistor is useful in powering
microcontrollers and other applications that require fast
supply disconnect.
4.2
Output Capacitance Requirements
The
MCP1792/3
requires
a
minimum
output
capacitance of 2.2 μF for output voltage stability. The
output capacitor should be located as close to the LDO
output as it is practical. The device is designed to work
with low ESR ceramic capacitors. Ceramic materials
X8R\L or X7R have low temperature coefficients and
are well within the acceptable ESR range required.
A typical 2.2 μF X7R 0805 capacitor has an ESR of
50 mΩ. It is recommended to use an appropriate
voltage rating capacitor, and the derating of the
capacitance as a function of voltage and temperature
needs to be taken into account.
For improved transitory behavior over the entire tem-
perature range, a 3.3 μF output capacitor is recom-
mended. The ceramic capacitor type should be X7R or
X8R\L because their dielectrics are rated for use with
temperatures between -40°C to +125°C or -55°C to
+150°C, respectively.
4.3
Input Capacitance Requirements
Low input-source impedance is necessary for the LDO
output to operate properly. When operating on
batteries, or in applications with long lead length
(> 10 inches) between the input source and the LDO,
adding input capacitance is recommended. A minimum
of 2.2 µF to 10 µF of capacitance is sufficient for most
applications. Given the high input voltage capability of
the MCP1792/3, of up to 55V DC, it is recommended to
use an appropriate voltage rating capacitor, and the
derating of the capacitance as a function of voltage and
temperature needs to be taken into account. The
ceramic capacitor type should be X7R or X8R\L
because their dielectrics are rated for use with tem-
peratures between -40°C to +125°C or -55°C to
+150°C, respectively.
P-ch PASS
DEVICE
ERROR
AMP
Feedback
Network
Soft Start
VIN
VOUT
UVLO
Thermal
Shutdown
Bandgap
Reference
(1.218V)
SHDN
Adaptive
Bias
Current
Sense
Short Circuit
Protection
Logic
Control
Enable to
All Blocks
GND
Internally Connected
for parts without SHDN
Discharge
Transistor
RDS = 80
Ω typ
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com