Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3465R Datasheet (PDF) - Microchip Technology

MCP3465R Datasheet PDF - Microchip Technology
Part # MCP3465R
Download  MCP3465R Download
File Size   3449.89 Kbytes
Page   110 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference

MCP3465R Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3465R Datasheet PDF - Microchip Technology

Part # MCP3465R
Download  MCP3465R Click to download

File Size   3449.89 Kbytes
Page   110 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference

MCP3465R Datasheet (HTML) - Microchip Technology


MCP3465R Product details

Features
• One Differential or Two Single-Ended Input
Channels
• 16-Bit Resolution
• Programmable Data Rate: Up to 153.6 ksps
• Programmable Gain: 0.33x to 64x
• 97.2 dB SINAD, -116 dBc THD, 120 dBc SFDR
(Gain = 1x, 4800 SPS)
• Low-Temperature Drift:
- Offset error drift: 4/Gain nV/°C (AZ_MUX = 1)
- Gain error drift: 0.5 ppm/°C (Gain = 1x)
• Low Noise: 2.3 μVRMS (Gain = 16x, 9600 SPS)
• RMS Effective Resolution: 15.4 Bits Minimum (All
Gains, All OSR Combinations)
• Wide Input Voltage Range: 0V to AVDD
• Selectable Internal 2.4V Voltage Reference with
15 ppm/°C Drift
• Differential Voltage Reference Inputs
• Internal Oscillator or External Clock Selection
• Ultra-Low Full Shutdown Current Consumption
(< 2.4 μA)
• Internal Temperature Sensor
• Burnout Current Sources for Sensor Open/Short
Detection
• 16-Bit Digital Offset and Gain Error Calibration
Registers
• Internal Conversions Sequencer (Scan Mode) for
Automatic Multiplexing
• Advanced Security Features:
- 16-bit CRC for secure SPI communications
- 16-bit CRC and IRQ for securing
configuration
- Register map lock with 8-bit secure key
- Monitor controls for system diagnostics
• 20 MHz SPI-Compatible Interface with Mode 0,0
and 1,1
• AVDD: 2.7V-3.6V
• DVDD: 1.8V-3.6V
• Extended Temperature Range: -40°C to +125°C
• Package: 2 mm x 2 mm x 0.55 mm 12-Lead UQFN

Applications
• Precision Sensor Transducers and Transmitters:
Pressure, Strain, Flow and Force Measurement
• Factory Automation and Process Controls
• Portable Instrumentation
• Temperature Measurements




Similar Part No. - MCP3465R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3460R MICROCHIP-MCP3460R Datasheet
3Mb / 103P
Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision A
MCP3460RT-E/2LX MICROCHIP-MCP3460RT-E/2LX Datasheet
3Mb / 103P
Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision A
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
More results


Similar Description - MCP3465R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
logo
Microchip Technology
MCP3565R MICROCHIP-MCP3565R Datasheet
3Mb / 108P
Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
02/28/20
MCP3561 MICROCHIP-MCP3561_V01 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561 MICROCHIP-MCP3561 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461 MICROCHIP-MCP3461_V01 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com