Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3460R Datasheet (PDF) - Microchip Technology

MCP3460R Datasheet PDF - Microchip Technology
Part # MCP3460R
Download  MCP3460R Download
File Size   3745.5 Kbytes
Page   103 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference

MCP3460R Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3460R Datasheet PDF - Microchip Technology

Part # MCP3460R
Download  MCP3460R Click to download

File Size   3745.5 Kbytes
Page   103 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference

MCP3460R Datasheet (HTML) - Microchip Technology


MCP3460R Product details

Features
• One Full-Differential or Two Single-Ended Input
Channels:
- Wide Input Voltage Range: 0V to AVDD
- Internal Conversions Sequencer (Scan
mode) for Automatic Multiplexing
- One-Shot or Continuous Conversion Modes
• Supply Voltage:
- AVDD/DVDD: 2.7V - 3.6V
• Second-Order Modulator with 5-level
Quantizer plus:
- Third-Order Decimation Filter for Low OSR
(32-512)
- Cascaded of Third-Order and First-Order
Filters for High OSR (>512).
• ADC Resolution:
- MCP3460R: 16-bit
- Selectable Oversampling Ratio (OSR)
Range: 32-98304
• Programmable Data Rate: Up to 153.6 kSPS
• On-Chip Programmable Gain:
- Gain Option: 1/3x, 1x, 2x, 4x, 8x, 16x, 32x,
64x
• AC Dynamic Performance (50Hz Input w/
OSR = 256):
- SINAD: 97.2 dB
- THD: -116dBc
- SFDR: 120 dBc (Gain = 1x, 4800 SPS)
• Low-Temperature Drift:
- Offset Error Drift: 4/Gain nV/°C (AZ_MUX=1)
- Gain Error Drift: 0.5 ppm/°C (Gain = 1x)
• Low Noise: 2.3 VRMS(Gain = 16x, 9600 SPS)
• RMS Effective Resolution: 15.4 Bits Minimum (All
Gains, All OSR Combinations)
• Voltage Reference Selection:
- 2.4V Internal Voltage Reference (Buffered)
with 15 ppm/°C Drift
- Differential External Voltage Reference
Inputs (Not Buffered) with a 0.1V - AVDD
• Internal Oscillator or External Clock Selection
• Power-Saving Modes: Standby, Sleep, Shutdown,
Full-Shutdown
- Ultra-Low Full-Shutdown Current
Consumption (< 2.4 μA)
• Bandgap-Based Internal Temperature Sensor
• 16-Bit Digital Offset and Gain Error Calibration
Registers
• Dedicated IRQ Pin for Easy Synchronization
• Advanced Security Features:
- 16-bit CRC for Secure SPI Communications
- 16-bit CRC and IRQ for Securing
Configuration
- Register-Map Lock with 8-bit Secure Key
- Monitor Controls for System Diagnostics (via
Scan Mode)
• 20 MHz SPI-Compatible Interface with Mode 0,0
and 1,1
• Extended Temperature Range: -40°C to +125°C
• Package Options:
- 3 mm x 3 mm x 1 mm, 20-Lead VQFN (2LX
Package Code)
Applications
• General Purpose Low-to-High Data-Rate, High
Precision, ADC Applications
• Medical and Scientific Instrumentation
• Precision-Sensor Applications:
- Pressure, Strain, and Force measurement
• Temperature Measurement
• Current Measurement
• Factory Automation and Process Controls
- Portable Instrumentation




Similar Part No. - MCP3460R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461RT-E/NC MICROCHIP-MCP3461RT-E/NC Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461RT-E/ST MICROCHIP-MCP3461RT-E/ST Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
More results


Similar Description - MCP3460R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Microchip Technology
MCP3565R MICROCHIP-MCP3565R Datasheet
3Mb / 108P
Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
02/28/20
MCP3561 MICROCHIP-MCP3561_V01 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561 MICROCHIP-MCP3561 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461 MICROCHIP-MCP3461_V01 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com