Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AONS66407 Datasheet (PDF) - Alpha & Omega Semiconductors

AONS66407 Datasheet PDF - Alpha & Omega Semiconductors
Part # AONS66407
Download  AONS66407 Download
File Size   429.71 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V N-Channel AlphaSGT TM

AONS66407 Datasheet (PDF)

Go To PDF Page Download Datasheet
AONS66407 Datasheet PDF - Alpha & Omega Semiconductors

Part # AONS66407
Download  AONS66407 Click to download

File Size   429.71 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V N-Channel AlphaSGT TM

AONS66407 Datasheet (HTML) - Alpha & Omega Semiconductors


AONS66407 Product details

General Description
• Trench Power MOSFET - AlphaSGT TM technology
• Low RDS(ON)
• Low Gate Charge
• Optimized for fast-switching applications
• RoHS 2.0 and Halogen-Free Compliant

Applications
• Synchronous Rectification




Similar Part No. - AONS66407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AONS66415 AOSMD-AONS66415 Datasheet
438Kb / 6P
40V N-Channel AlphaSGT TM
Rev.1.0: June 2022
More results


Similar Description - AONS66407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6264E AOSMD-AON6264E Datasheet
347Kb / 6P
60V N-Channel AlphaSGT
AONS62922 AOSMD-AONS62922 Datasheet
335Kb / 6P
120V N-Channel AlphaSGT TM
AONS66524 AOSMD-AONS66524 Datasheet
594Kb / 6P
150V N-Channel AlphaSGT TM
Rev.1.0: November 2021
AONS66641 AOSMD-AONS66641 Datasheet
436Kb / 6P
60V N-Channel AlphaSGT TM
Rev.1.0: January 2022
AONS66909 AOSMD-AONS66909 Datasheet
444Kb / 6P
100V N-Channel AlphaSGT TM
Rev.1.0: February 2022
AON7264C AOSMD-AON7264C Datasheet
773Kb / 6P
60V N-Channel AlphaSGT TM
Rev.1.0: September 2021
AONS62614T AOSMD-AONS62614T Datasheet
384Kb / 6P
60V N-Channel AlphaSGT TM
Rev.2.0: May 2022
AONS62814T AOSMD-AONS62814T Datasheet
574Kb / 6P
80V N-Channel AlphaSGT TM
Rev.1.0: October 2020
AONS66415 AOSMD-AONS66415 Datasheet
438Kb / 6P
40V N-Channel AlphaSGT TM
Rev.1.0: June 2022
AONS66520 AOSMD-AONS66520 Datasheet
606Kb / 6P
150V N-Channel AlphaSGT TM
Rev.1.2: July 2020
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com