Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AONS62814T Datasheet (PDF) - Alpha & Omega Semiconductors

AONS62814T Datasheet PDF - Alpha & Omega Semiconductors
Part # AONS62814T
Download  AONS62814T Download
File Size   574.84 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 80V N-Channel AlphaSGT TM

AONS62814T Datasheet (PDF)

Go To PDF Page Download Datasheet
AONS62814T Datasheet PDF - Alpha & Omega Semiconductors

Part # AONS62814T
Download  AONS62814T Click to download

File Size   574.84 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 80V N-Channel AlphaSGT TM

AONS62814T Datasheet (HTML) - Alpha & Omega Semiconductors


AONS62814T Product details

General Description
• Trench Power AlphaSGT TM technology
• Low RDS(ON)
• Low Gate Charge
• Low Eoss

Applications
Secondary Synchronous Rectification MOSFET for Server
and Telecom




Similar Part No. - AONS62814T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AONS62604 AOSMD-AONS62604 Datasheet
347Kb / 6P
60V N-Channel AlphaSGT TM
Rev.1.0: January 2017
logo
Inchange Semiconductor ...
AONS62614 ISC-AONS62614 Datasheet
377Kb / 3P
isc N-Channel MOSFET Transistor
2023-9-6
logo
Alpha & Omega Semicondu...
AONS62614T AOSMD-AONS62614T Datasheet
384Kb / 6P
60V N-Channel AlphaSGT TM
Rev.2.0: May 2022
AONS62922 AOSMD-AONS62922 Datasheet
335Kb / 6P
120V N-Channel AlphaSGT TM
More results


Similar Description - AONS62814T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6276 AOSMD-AON6276 Datasheet
303Kb / 6P
80V N-Channel AlphaSGT
AON6284A AOSMD-AON6284A Datasheet
380Kb / 6P
80V N-Channel AlphaSGT
AONS62922 AOSMD-AONS62922 Datasheet
335Kb / 6P
120V N-Channel AlphaSGT TM
AONS66407 AOSMD-AONS66407 Datasheet
429Kb / 6P
40V N-Channel AlphaSGT TM
Rev.1.0: December 2021
AONS66524 AOSMD-AONS66524 Datasheet
594Kb / 6P
150V N-Channel AlphaSGT TM
Rev.1.0: November 2021
AONS66641 AOSMD-AONS66641 Datasheet
436Kb / 6P
60V N-Channel AlphaSGT TM
Rev.1.0: January 2022
AONS66909 AOSMD-AONS66909 Datasheet
444Kb / 6P
100V N-Channel AlphaSGT TM
Rev.1.0: February 2022
AON7264C AOSMD-AON7264C Datasheet
773Kb / 6P
60V N-Channel AlphaSGT TM
Rev.1.0: September 2021
AONS62614T AOSMD-AONS62614T Datasheet
384Kb / 6P
60V N-Channel AlphaSGT TM
Rev.2.0: May 2022
AONS66520 AOSMD-AONS66520 Datasheet
606Kb / 6P
150V N-Channel AlphaSGT TM
Rev.1.2: July 2020
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com