Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBP104FAS Datasheet (PDF) - Vishay Siliconix

VBP104FAS Datasheet PDF - Vishay Siliconix
Part # VBP104FAS
Download  VBP104FAS Download
File Size   186.21 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

VBP104FAS Datasheet (PDF)

Go To PDF Page Download Datasheet
VBP104FAS Datasheet PDF - Vishay Siliconix

Part # VBP104FAS
Download  VBP104FAS Click to download

File Size   186.21 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

VBP104FAS Datasheet (HTML) - Vishay Siliconix


VBP104FAS Product details

DESCRIPTION
VBP104FAS and VBP104FASR are high speed and high
sensitive PIN photodiodes. It is a surface mount device
(SMD) including the chip with a 4.4 mm2 sensitive area and
a daylight blocking filter matched with IR emitters operating
at wavelength 870 nm or 950 nm.

FEATURES
• Package type: surface mount
• Package form: GW, RGW
• Dimensions (L x W x H in mm): 6.4 x 3.9 x 1.2
• Radiant sensitive area (in mm2): 4.4
• High radiant sensitivity
• Daylight blocking filter matched with 870 nm to
950 nm emitters
• Fast response times
• Angle of half sensitivity: ϕ = ± 65°
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead (Pb)-free reflow soldering
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VBP104FAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBP104FAS VISHAY-VBP104FAS Datasheet
164Kb / 8P
Silicon PIN Photodiode
20-Apr-10
VBP104FAS VISHAY-VBP104FAS Datasheet
188Kb / 8P
Silicon PIN Photodiode
24-Jun-14
VBP104FAS VISHAY-VBP104FAS Datasheet
185Kb / 8P
Silicon PIN Photodiode
24-Jun-14
VBP104FASR VISHAY-VBP104FASR Datasheet
164Kb / 8P
Silicon PIN Photodiode
20-Apr-10
VBP104FASR VISHAY-VBP104FASR Datasheet
188Kb / 8P
Silicon PIN Photodiode
24-Jun-14
More results


Similar Description - VBP104FAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com