Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBP104FAS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VBP104FAS
Description  Silicon PIN Photodiode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBP104FAS Datasheet(HTML) 1 Page - Vishay Siliconix

  VBP104FAS Datasheet HTML 1Page - Vishay Siliconix VBP104FAS Datasheet HTML 2Page - Vishay Siliconix VBP104FAS Datasheet HTML 3Page - Vishay Siliconix VBP104FAS Datasheet HTML 4Page - Vishay Siliconix VBP104FAS Datasheet HTML 5Page - Vishay Siliconix VBP104FAS Datasheet HTML 6Page - Vishay Siliconix VBP104FAS Datasheet HTML 7Page - Vishay Siliconix VBP104FAS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VBP104FAS, VBP104FASR
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 24-Jun-14
1
Document Number: 81169
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Silicon PIN Photodiode
DESCRIPTION
VBP104FAS and VBP104FASR are high speed and high
sensitive PIN photodiodes. It is a surface mount device
(SMD) including the chip with a 4.4 mm2 sensitive area and
a daylight blocking filter matched with IR emitters operating
at wavelength 870 nm or 950 nm.
FEATURES
• Package type: surface mount
• Package form: GW, RGW
• Dimensions (L x W x H in mm): 6.4 x 3.9 x 1.2
• Radiant sensitive area (in mm2): 4.4
• High radiant sensitivity
• Daylight blocking filter matched with 870 nm to
950 nm emitters
• Fast response times
• Angle of half sensitivity:
ϕ = ± 65°
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead (Pb)-free reflow soldering
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• High speed detector for infrared radiation
• Infrared remote control and free air data transmission
systems, e.g. in combination with TSFFxxxx series IR
emitters
Note
• Test conditions see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
VBP104FAS
VBP104FASR
PRODUCT SUMMARY
COMPONENT
Ira (μA)
ϕ (deg)
λ0.5 (nm)
VBP104FAS
35
± 65
780 to 1050
VBP104FASR
35
± 65
780 to 1050
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
VBP104FAS
Tape and reel
MOQ: 1000 pcs, 1000 pcs/reel
Gullwing
VBP104FASR
Tape and reel
MOQ: 1000 pcs, 1000 pcs/reel
Reverse gullwing
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
60
V
Power dissipation
Tamb
≤ 25 °C
PV
215
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
Acc. reflow sloder profile fig. 8
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
350
K/W


Similar Part No. - VBP104FAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBP104FAS VISHAY-VBP104FAS Datasheet
164Kb / 8P
Silicon PIN Photodiode
20-Apr-10
VBP104FAS VISHAY-VBP104FAS Datasheet
188Kb / 8P
Silicon PIN Photodiode
24-Jun-14
VBP104FAS VISHAY-VBP104FAS Datasheet
185Kb / 8P
Silicon PIN Photodiode
24-Jun-14
VBP104FASR VISHAY-VBP104FASR Datasheet
164Kb / 8P
Silicon PIN Photodiode
20-Apr-10
VBP104FASR VISHAY-VBP104FASR Datasheet
188Kb / 8P
Silicon PIN Photodiode
24-Jun-14
More results

Similar Description - VBP104FAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com