Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2409S-2W Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

F2409S-2W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # F2409S-2W
Download  F2409S-2W Download
File Size   1006.03 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 3000VDC Isolated 2W Single Output SIP/DIP-Package

F2409S-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
F2409S-2W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # F2409S-2W
Download  F2409S-2W Click to download

File Size   1006.03 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 3000VDC Isolated 2W Single Output SIP/DIP-Package

F2409S-2W Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


F2409S-2W Product details

Features
RoHS compliant
Efficiency up to 83%
3kVDC Isolation
Wide temperature performance at full
2 Watt load,-40℃ to 85℃
Single output
Industry standard required
Short circuit protection( Suffix“R2”only SIP,optional)




Similar Part No. - F2409S-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F2409S-2W MORNSUN-F2409S-2W Datasheet
143Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
F2409S-2WR3 MORNSUN-F2409S-2WR3 Datasheet
1Mb / 5P
2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.03.17
More results


Similar Description - F2409S-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
E0505S-1W REICU-E0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
E0505S-2W REICU-E0505S-2W Datasheet
800Kb / 1P
3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
F0303M-1W REICU-F0303M-1W Datasheet
2Mb / 1P
3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
F0303S-1W REICU-F0303S-1W Datasheet
2Mb / 1P
3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
IB0505S-2W REICU-IB0505S-2W Datasheet
2Mb / 1P
1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
IE0505S-2W REICU-IE0505S-2W Datasheet
2Mb / 1P
3000VDC Isolated 2W Double Output SIP-Package
REV:3.1
IF0505S-1W REICU-IF0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
IF0505S-2W REICU-IF0505S-2W Datasheet
2Mb / 1P
3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
WRF0505S-2W REICU-WRF0505S-2W Datasheet
970Kb / 1P
3000VDC Isolated 2W Single/Double Output SIP-Package
REV:3.1
WRF0505S-3W REICU-WRF0505S-3W Datasheet
457Kb / 1P
3000VDC Isolated 2W Single/Double Output SIP-Package
REV:3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com