Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6368 Datasheet (PDF) - Infineon Technologies AG

TLE6368 Datasheet PDF - Infineon Technologies AG
Part # TLE6368
Download  TLE6368 Download
File Size   421.86 Kbytes
Page   58 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Multi-Voltage Processor Power Supply

TLE6368 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE6368 Datasheet PDF - Infineon Technologies AG

Part # TLE6368
Download  TLE6368 Click to download

File Size   421.86 Kbytes
Page   58 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Multi-Voltage Processor Power Supply

TLE6368 Datasheet (HTML) - Infineon Technologies AG


TLE6368 Product details

Short functional description
The TLE 6368 G1 / SONIC is a multi voltage power supply system especially designed for automotive applications using a standard 12V / 24V battery as well as the new 42V powernet. The device is intended to supply 32 bit micro-controller systems which require different supply voltage rails such as 5V, 3.3V and 2.6V. The regulators for external sensors are also provided.

Features
• High efficiency regulator system
• Wide input voltage range from 5.5V to 60V
• Stand-by mode with low current consumption
• Suitable for standard 12V/24V and 42V PowerNets
• Step down converter as pre-regulator: 5.5V / 1.5A
• Step down slope control for lowest EME
• Switching loss minimization
• Three high current linear post-regulators with selectable output voltages:
    5V / 800mA
    3.3V or 2.6V / 500mA
    3.3V or 2.6V / 350mA
• Six independent voltage trackers (followers): 5V / 17mA each
• Stand-by regulator with 1mA current capability
• Three independent undervoltage detection circuits (e.g. reset, early warning) for each linear post-regulator
• Power on reset functionality
• Tracker control and diagnosis by SPI
• All outputs protected against short-circuit
• Power-DSO-36 package




Similar Part No. - TLE6368

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6368 INFINEON-TLE6368 Datasheet
548Kb / 59P
Multi-Voltage Processor Power Supply
Rev. 2.2, 2006-12-01
TLE6368-G2 INFINEON-TLE6368-G2 Datasheet
1Mb / 60P
Multi-Voltage Processor Power Supply
Rev. 2.3, May 2009
TLE6368G1 INFINEON-TLE6368G1 Datasheet
548Kb / 59P
Multi-Voltage Processor Power Supply
Rev. 2.2, 2006-12-01
TLE6368 INFINEON-TLE6368_06 Datasheet
548Kb / 59P
Multi-Voltage Processor Power Supply
Rev. 2.2, 2006-12-01
More results


Similar Description - TLE6368

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
Multi Output Power Supply Regulator
logo
RICOH electronics devic...
RV5VE001A RICOH-RV5VE001A Datasheet
321Kb / 49P
MULTI-POWER SUPPLY
logo
Sanyo Semicon Device
LA5603 SANYO-LA5603 Datasheet
117Kb / 5P
Multi-function, Multiple Voltage Power Supply
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
MULTI OUTPUT POWER SUPPLY
logo
Infineon Technologies A...
TLE6361G INFINEON-TLE6361G Datasheet
696Kb / 57P
Multi-Voltage Processor Power Supply
Rev. 1.31 1 2004-10-12
TLE6368-G2 INFINEON-TLE6368-G2 Datasheet
1Mb / 60P
Multi-Voltage Processor Power Supply
Rev. 2.3, May 2009
TLE6361G INFINEON-TLE6361G_05 Datasheet
1Mb / 57P
Multi-Voltage Processor Power Supply
Rev. 2.0 2005-03-01
TLE6368 INFINEON-TLE6368_06 Datasheet
548Kb / 59P
Multi-Voltage Processor Power Supply
Rev. 2.2, 2006-12-01
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
Multi-Power Supply System IC
July, 2013
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com