Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6368 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6368 Datasheet HTML 1Page - Infineon Technologies AG TLE6368 Datasheet HTML 2Page - Infineon Technologies AG TLE6368 Datasheet HTML 3Page - Infineon Technologies AG TLE6368 Datasheet HTML 4Page - Infineon Technologies AG TLE6368 Datasheet HTML 5Page - Infineon Technologies AG TLE6368 Datasheet HTML 6Page - Infineon Technologies AG TLE6368 Datasheet HTML 7Page - Infineon Technologies AG TLE6368 Datasheet HTML 8Page - Infineon Technologies AG TLE6368 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
TLE 6368 / SONIC
Data Sheet, Rev. 1.32
2
2004-10-15
1.2
Short functional description
The
TLE 6368 G1 / SONIC is a multi voltage power supply system especially designed
for automotive applications using a standard 12V / 24V battery as well as the new 42V
powernet. The device is intended to supply 32 bit micro-controller systems which require
different supply voltage rails such as 5V, 3.3V and 2.6V. The regulators for external
sensors are also provided.
The TLE 6368 G1 / SONIC cascades a Buck converter block with a linear regulator and
tracker block on a single chip to achieve lowest power dissipation thus being able to
power the application even at very high ambient temperatures.
The step-down converter delivers a pre-regulated voltage of 5.5V with a minimum
current capability of 1.5A.
Supplied by this step down converter three low drop linear post-regulators offer 5V, 3.3V,
or 2.6V of output voltages depending on the configuration of the device with current
capabilities of 800mA, 500mA and 350mA.
In addition the inputs of six voltage trackers are connected to the 5.5V bus voltage. Their
outputs follow the main 5V linear regulator (Q_LDO1) with high accuracy and are able to
drive a current of 17mA each. The trackers can be turned on and off individually by a 16
bit serial peripheral interface (SPI). Through this interface also the status information of
each tracker (i.e. short circuit) can be read out.
To monitor the output voltage levels of each of the linear regulators three independent
undervoltage detection circuits are available which can be used to implement the reset
or an early warning function. The supervision of the µC can be managed by the SPI-
triggered window watchdog.
For energy saving reasons while the motor is turned off, the TLE 6368 G1 / SONIC offers
a stand-by mode, where the quiescent current does not exceed 30µA. In this stand-by
mode just the stand-by regulator remains active.
The TLE 6368 G1 / SONIC is based on Infineon Power technology SPT
 which allows
bipolar , CMOS and Power DMOS circuitry to be integrated on the same monolithic
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com