Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6368 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 15Page - Infineon Technologies AG TLE6368 Datasheet HTML 16Page - Infineon Technologies AG TLE6368 Datasheet HTML 17Page - Infineon Technologies AG TLE6368 Datasheet HTML 18Page - Infineon Technologies AG TLE6368 Datasheet HTML 19Page - Infineon Technologies AG TLE6368 Datasheet HTML 20Page - Infineon Technologies AG TLE6368 Datasheet HTML 21Page - Infineon Technologies AG TLE6368 Datasheet HTML 22Page - Infineon Technologies AG TLE6368 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
TLE 6368 / SONIC
Data Sheet, Rev. 1.32
19
2004-10-15
Read Bit meaning
Function
Type
Bit
Combination
Default
Error indication,
explanation see below this
table
Latched
D0
0: normal operation
1: fail function
0
Overtemperature warning
Not latched D1
0: normal operation
1: prewarning
0
Status of Tracker Output
Q_T[1:6],only if output is
ON
Not latched D2
D3
D4
D5
D6
D7
1: settled output
voltage
0:Tracker turned
off or shorted
output. Also open
load may possibly
be indicated as 0.
1)
1
Indication of cold start/
warm start, Q_LDO1
Latched
D8
0: cold start
1: warm start
0
Indication of cold start/
warm start, Q_LDO2
Latched
D9
0: cold start
1: warm start
0
Indication for open or
closed window
Not latched D10
0: open window
1: closed window
0
Reset condition at output
Q_LDO1
Not latched D11
0: normal operation
1: Reset R1
0
Reset condition at output
Q_LDO2
Not latched D12
0: normal operation
1: Reset R2
0
Reset condition at output
Q_LDO3
Not latched D13
0: normal operation
1: Reset R3
0
Watchdog Error
Latched
D14
0: normal operation
1: WD error
0
DC/DC converter status
Not latched D15
0: off
1: on
1
1)
Min. load current to avoid ’0’ signal caused by open load is 2mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com