Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6368 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 9Page - Infineon Technologies AG TLE6368 Datasheet HTML 10Page - Infineon Technologies AG TLE6368 Datasheet HTML 11Page - Infineon Technologies AG TLE6368 Datasheet HTML 12Page - Infineon Technologies AG TLE6368 Datasheet HTML 13Page - Infineon Technologies AG TLE6368 Datasheet HTML 14Page - Infineon Technologies AG TLE6368 Datasheet HTML 15Page - Infineon Technologies AG TLE6368 Datasheet HTML 16Page - Infineon Technologies AG TLE6368 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
TLE 6368 / SONIC
Data Sheet, Rev. 1.32
13
2004-10-15
Q_LDO1 had decreased below 3.3V (max.), the SPI will reset to the default settings
including the 8ms delay time. If the voltage on Q_LDO1 during sleep or power off mode
was kept above 3.3V the delay time set by the last SPI command is valid.
Figure 5 Undervoltage reset timing
2.7
RAM good flag
A RAM good flag will be set within the SPI status word when the Q_LDO1 voltage drops
below 2.3V. A second one will be set if Q_LDO2 drops below typical 1.4V. Both RAM
good flags can be read after power up to determine if a cold or warm start needs to be
processed. Both RAM good flags will be reset after each SPI cycle.
2.8
ERR Pin
A hardware error pin indicates any fault conditions on the chip. It should be connected to
an interrupt input of the microcontroller. A low signal indicates an error condition. The
microcontroller can read the root cause of the error by reading the SPI register.
2.9
Window Watchdog
The on board window watchdog for supervision of the µC works in combination with the
SPI. The window watchdog logic is turned off per default and can be activated by one
special bit combination in the SPI command word. When operating, the window
watchdog is triggered when CS is low and Bit WD-Trig in the SPI command word is set
to “1”. The watchdog trigger is recognized with the low to high transition of the CS signal.
To allow reading the SPI at any time without getting a reset due to misinterpretation the
WD-Trig bit has to be set to “0” to avoid false trigger conditions.
V
FB/L_IN
t
V
Q_LDOx
t
V
Rx
t
V
RTH,Q_LDOx
t
RES
t
rr
< t
rr
thermal
shutdown
under
voltage
over
load
t
RES
t
RES
t
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com