Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6368 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 14Page - Infineon Technologies AG TLE6368 Datasheet HTML 15Page - Infineon Technologies AG TLE6368 Datasheet HTML 16Page - Infineon Technologies AG TLE6368 Datasheet HTML 17Page - Infineon Technologies AG TLE6368 Datasheet HTML 18Page - Infineon Technologies AG TLE6368 Datasheet HTML 19Page - Infineon Technologies AG TLE6368 Datasheet HTML 20Page - Infineon Technologies AG TLE6368 Datasheet HTML 21Page - Infineon Technologies AG TLE6368 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
TLE 6368 / SONIC
Data Sheet, Rev. 1.32
18
2004-10-15
2.12.3
Read mode
Below the status information word and the bit assignments for diagnosis are shown.
2.12.3.1 Read mode bit assignment
Figure 9 Read Bit assignment
Error bit D0:
The error output ERR is low and the error bit indicates fail function if the temperature
prewarning or the watchdog error is active, further if one RAM good indicates a cold start
or if a voltage tracker does not settle within 1ms when it is turned on.
Reset timing:
Reset delay time t
RES valid at warm start
D10D11
00: 64ms
10: 32ms
01: 16ms
11: 8ms
11
Window watchdog timing:
Open window time t
OW and
closed window time t
CW valid at warm start
D12D13
00: 128ms
10: 64ms
01: 32ms
11: 16ms
00
Window watchdog function:
Enable /disable window watchdog
D0D9D14
010: ON
1xx: OFF
x0x: OFF
xx1: OFF
101
Window watchdog trigger:
Enable / disable window watchdog trigger
D15
0: not triggered
1: triggered
0
Write Bit meaning
Function
Bit
Combination
Default
ERROR
T6-
status
T5-
status
T4-
status
T3-
status
T2-
status
T1-
status
temp_
warn
RAM
Good 1
DC/DC
status
WD
Error
R-Error3
R-Error2
R-Error1
WD
Window
RAM
Good 2
0
1
1
1
1
1
1
0
0
1
0
0
0
0
0
0
BIT
Default
Name
D 15
D8
D9
D10
D11
D12
D13
D14
D7
DO
D1
D2
D3
D4
D5
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com