Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9214 Datasheet (PDF) - Integrated Circuit Systems

ICS9214 Datasheet PDF - Integrated Circuit Systems
Part # ICS9214
Download  ICS9214 Download
File Size   216.45 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Rambus XDR Clock Generator

ICS9214 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9214 Datasheet PDF - Integrated Circuit Systems

Part # ICS9214
Download  ICS9214 Click to download

File Size   216.45 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Rambus XDR Clock Generator

ICS9214 Datasheet (HTML) - Integrated Circuit Systems


ICS9214 Product details

General Description
The ICS9214 clock generator provides the necessary clock signals to support the Rambus XDRTM memory subsystem and Redwood logic interface. The clock source is a reference clock that may or may not be modulated for spread spectrum. The ICS9214 provides 4 differential clock pairs in a space saving 28-pin TSSOP package and provides an off-the-shelf high-performance interface solution.

Features
• 400 – 500 MHz clock source
• 4 open-drain differential output drives with short term jitter < 40ps
• Spread spectrum compatible
• Reference clock is differential or single-ended, 100 or 133 MHz
• SMBus programmability for:
    - frequency multiplier
    - output enable
    - operating mode
• Supports frequency multipliers of: 3, 4, 5, 6, 8, 9/2, 15/2 and 15/4
• Support systems where XDR subsystem is asynchronous to other system clocks
• 2.5V power supply




Similar Part No. - ICS9214

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
ICS9214 ICSI-ICS9214 Datasheet
235Kb / 16P
RambusTM XDRTM Clock Generator
ICS9214YGLF-T ICSI-ICS9214YGLF-T Datasheet
235Kb / 16P
RambusTM XDRTM Clock Generator
ICS9214 ICSI-ICS9214_07 Datasheet
235Kb / 16P
RambusTM XDRTM Clock Generator
More results


Similar Description - ICS9214

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
Direct RAMbus Clock Generator
1999 Jan 19
logo
Macronix International
MX8335 MCNIX-MX8335 Datasheet
40Kb / 6P
RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
Direct Rambus Clock Generator
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
Rambus TM XDR TM CLOCK GENERATOR
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
Rambus XDR CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
Rambus짰 XDR??Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
DIRECT RAMBUS??CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
Rambus XDR??Clock Generator
CY24272 CYPRESS-CY24272_11 Datasheet
548Kb / 16P
Rambus XDR??Clock Generator with Zero SDA Hold Time
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
Direct Rambus??Clock Generator
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com