Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9214 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9214
Description  Rambus XDR Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9214 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9214 Datasheet HTML 1Page - Integrated Circuit Systems ICS9214 Datasheet HTML 2Page - Integrated Circuit Systems ICS9214 Datasheet HTML 3Page - Integrated Circuit Systems ICS9214 Datasheet HTML 4Page - Integrated Circuit Systems ICS9214 Datasheet HTML 5Page - Integrated Circuit Systems ICS9214 Datasheet HTML 6Page - Integrated Circuit Systems ICS9214 Datasheet HTML 7Page - Integrated Circuit Systems ICS9214 Datasheet HTML 8Page - Integrated Circuit Systems ICS9214 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS9214
0809D—04/07/06
Device ID and SMBus Device Address
The device ID (SMB_A(1:0)) is part of the SMBus device address. The least significant bit of the address designates a write
or read operation. Table 3 shows the addresses for four ICS9214 devices on the same SMBus.
PLL Multiplier
Table 2 shows the frequency multipliers in the PLL, selectable by programming the MULT0, MULT1 and MULT2 bits in the
SMBus Multiplier Control register. Power up default is 4.
Table 2. PLL Multiplier Selection
Bit 6
Bit 5
Bit 4
MULT2
MULT1
MULT0
00
03
3003
400
00
14
4002
533
0
1
0
5
500
667
0
1
1
6
600
800
10
08
800
-3
1
0
1
9/2
450
600
1
1
0
15/2
750
-3
1
1
1
15/4
375
500
NOTES
1 Output frequencies are based on nominal input frequencies of 100 MHz and 133 MHz. The PLL
multipliers are also applicable to spread spectrum modulated input clocks.
2 Default muliplier value at power up
3 Outputs at these settings do not conform to the AC Output Characteristics, or are not supported.
4 Shaded areas are under development and are not yet supported
Byte 0
Output Frequency (MHz)
Frequency
Multiplier
CLK_INT/C =
100 MHz
1
CLK_INT/C =
133 MHz
1
Table 3. SMBus Device Addresses
Device
Operation
SMB_A1
SMB_A0
WR#/RD
Write
D8
0
Read
D9
1
Write
DA
0
Read
DB
1
Write
DC
0
Read
DD
1
Write
DE
0
Read
DF
1
0
2
ICS9214
Hex Address
0
1
3
8-bit SMBus Device Address, Including Oper.
1
11011
1
0
01
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com