Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC16373 Datasheet (PDF) - NXP Semiconductors

74AVC16373 Datasheet PDF - NXP Semiconductors
Part # 74AVC16373
Download  74AVC16373 Download
File Size   87.23 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit D-type transparent latch; 3.6 V tolerant; 3-state

74AVC16373 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC16373 Datasheet PDF - NXP Semiconductors

Part # 74AVC16373
Download  74AVC16373 Click to download

File Size   87.23 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit D-type transparent latch; 3.6 V tolerant; 3-state

74AVC16373 Datasheet (HTML) - NXP Semiconductors


74AVC16373 Product details

DESCRIPTION
The 74AVC(H)16373 is a 16-bit D-type transparent latch featuring separate D-type inputs for each latch and 3-State outputs for bus oriented applications. Incorporates bushold data inputs which eliminate the need for external pull-up resistors to hold unused inputs. One latch enable(LE) input and one enable OE are provided per 8-bit section.

FEATURES
• Wide supply voltage range of 1.2 V to 3.6 V
• Complies with JEDEC standard no. 8-1A/5/7
• CMOS low power consumption
• Input/Output tolerant up to 3.6 V
• DCO (Dynamic Controlled Output) Circuit dynamically changes output impedance, resulting in noise reduction without speed degradation
• Low inductance multiple VCC and GND pins for minimize noise and ground bounce.
• All data inputs have bushold. (only 74AVCH16373)
• Power off disables 74AVC16373; 74AVCH16373 outputs, permitting Live Insertion.




Similar Part No. - 74AVC16373

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16373 NEXPERIA-74AVC16373 Datasheet
215Kb / 15P
16-bit D-type transparent latch; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
74AVC16373DGG NEXPERIA-74AVC16373DGG Datasheet
215Kb / 15P
16-bit D-type transparent latch; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
Texas Instruments
74AVC16373DGGRG4 TI1-74AVC16373DGGRG4 Datasheet
586Kb / 19P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVC16373 PHILIPS-74AVC16373_15 Datasheet
100Kb / 16P
16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
More results


Similar Description - 74AVC16373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH16373A PHILIPS-74LVCH16373A Datasheet
114Kb / 17P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
74ALVCH16373 PHILIPS-74ALVCH16373_15 Datasheet
128Kb / 18P
2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
74AVC16373 PHILIPS-74AVC16373_15 Datasheet
100Kb / 16P
16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
74LVC_LVCH16373A PHILIPS-74LVC_LVCH16373A_15 Datasheet
212Kb / 17P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
logo
Nexperia B.V. All right...
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
74AVC16373 NEXPERIA-74AVC16373 Datasheet
215Kb / 15P
16-bit D-type transparent latch; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com