Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC16834 Datasheet (PDF) - NXP Semiconductors

74AVC16834 Datasheet PDF - NXP Semiconductors
Part # 74AVC16834
Download  74AVC16834 Download
File Size   90.01 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit registered driver with inverted register enable 3-State

74AVC16834 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC16834 Datasheet PDF - NXP Semiconductors

Part # 74AVC16834
Download  74AVC16834 Click to download

File Size   90.01 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit registered driver with inverted register enable 3-State

74AVC16834 Datasheet (HTML) - NXP Semiconductors


74AVC16834 Product details

DESCRIPTION
The 74AVC16834 is a 18-bit universal bus driver. Data flow is controlled by output enable (OE), latch enable (LE) and clock inputs (CP).
This product is designed to have an extremely fast propagation delay and a minimum amount of power consumption.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor (Live Insertion).
A Dynamic Controlled Output (DCO) circuitry is implemented to support termination line drive during transient. See the graphs on page 8 for typical curves.

FEATURES
• Wide supply voltage range of 1.2 V to 3.6 V
• Complies with JEDEC standard no. 8-1A/5/7.
• CMOS low power consumption
• Input/output tolerant up to 3.6 V
• DCO (Dynamic Controlled Output) circuit dynamically changes output impedance, resulting in noise reduction without speed degradation
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Power off disables 74AVC16834 outputs, permitting Live Insertion




Similar Part No. - 74AVC16834

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16834A PHILIPS-74AVC16834A Datasheet
121Kb / 13P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
logo
Nexperia B.V. All right...
74AVC16834A NEXPERIA-74AVC16834A Datasheet
234Kb / 14P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 12 September 2018
logo
NXP Semiconductors
74AVC16834ADGG PHILIPS-74AVC16834ADGG Datasheet
121Kb / 13P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
logo
Nexperia B.V. All right...
74AVC16834ADGG NEXPERIA-74AVC16834ADGG Datasheet
234Kb / 14P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 12 September 2018
logo
NXP Semiconductors
74AVC16834ADGV PHILIPS-74AVC16834ADGV Datasheet
121Kb / 13P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
More results


Similar Description - 74AVC16834

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
20-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74AVC16834A PHILIPS-74AVC16834A Datasheet
121Kb / 13P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com